Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08080WAZ Datasheet (PDF) - Texas Instruments

PTH08080WAZ Datasheet PDF - Texas Instruments
Part # PTH08080WAZ
Download  PTH08080WAZ Download
File Size   570.96 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR

PTH08080WAZ Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH08080WAZ Datasheet PDF - Texas Instruments

Part # PTH08080WAZ
Download  PTH08080WAZ Click to download

File Size   570.96 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR

PTH08080WAZ Datasheet (HTML) - Texas Instruments


PTH08080WAZ Product details

1FEATURES
• Up to 2.25-A Output Current at 85°C
• 4.5-V to 18-V Input Voltage Range
• Wide-Output Voltage Adjust
(0.9 V to 5.5 V)
• Efficiencies Up To 93%
• On/Off Inhibit
• Undervoltage Lockout (UVLO)
• Output Overcurrent Protection
(Nonlatching, Auto-Reset)
• Overtemperature Protection
• Ambient Temperature Range: –40°C to 85°C
• Surface-Mount Package
• Safety Agency Approvals:
UL/CUL 60950, EN60950

APPLICATIONS
• Telecommunications, Instumentation, surfaceand
General-Purpose Circuits

DESCRIPTION
The PTH08080W is a highly integrated, low-cost
switching regulator module that delivers up to 2.25 A of output current. The PTH08080W sources output
current at a much higher efficiency than a TO-220
linear regulator IC, thereby eliminating the need for a
heat sink. Its small size (0.5 × 0.6 in) and flexible
operation creates value for a variety of applications.
The input voltage range of the PTH08080W is from
4.5 V to 18 V, allowing operation from either a 5-V or
12-V input bus. Using state-of-the-art switched-mode
power-conversion technology, the PTH08080W can
step down to voltages as low as 0.9 V from a 5-V
input bus, with less than 1 W of power dissipation. The output voltage can be adjusted to any voltage
over the range, 0.9 V to 5.5 V, using a single external
resistor. Operating features include an undervoltage
lockout (UVLO), on/off inhibit, overcurrent protection,
and overtemperature protection. Target applications
include telecommunications, test and measurement
applications, and high-end consumer products. This
product is available in both through-hole and surfaceand
mount package options, including tape and reel.




Similar Part No. - PTH08080WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08080WAZ TI-PTH08080WAZ Datasheet
700Kb / 16P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080WAZ TI1-PTH08080WAZ Datasheet
511Kb / 19P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080WAZT TI-PTH08080WAZT Datasheet
700Kb / 16P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080WAZT TI1-PTH08080WAZT Datasheet
511Kb / 19P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Similar Description - PTH08080WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000W TI-PTH08000W Datasheet
1Mb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W Datasheet
1Mb / 24P
3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000WAZT TI-PTH08000WAZT Datasheet
622Kb / 20P
2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTH08080W TI1-PTH08080W_14 Datasheet
511Kb / 19P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com