Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08080WAZ Datasheet(PDF) 5 Page - Texas Instruments

Part # PTH08080WAZ
Description  2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH08080WAZ Datasheet(HTML) 5 Page - Texas Instruments

  PTH08080WAZ Datasheet HTML 1Page - Texas Instruments PTH08080WAZ Datasheet HTML 2Page - Texas Instruments PTH08080WAZ Datasheet HTML 3Page - Texas Instruments PTH08080WAZ Datasheet HTML 4Page - Texas Instruments PTH08080WAZ Datasheet HTML 5Page - Texas Instruments PTH08080WAZ Datasheet HTML 6Page - Texas Instruments PTH08080WAZ Datasheet HTML 7Page - Texas Instruments PTH08080WAZ Datasheet HTML 8Page - Texas Instruments PTH08080WAZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
0
0.25
0.5
0.75
1
0
0.25 0.5 0.75
1
1.25 1.5 1.75 2 2.25
VO = 1.5 V
IO − Output Current − A
VO = 1.2 V
VO = 3.3 V
VO = 2.5 V
VO = 1.8 V
VO = 1 V
VO = 0.9 V
20
30
40
50
60
70
80
90
0.25
0.75
1.25
1.75
2.25
Airflow
Nat Conv
IO − Output Current − A
40
50
60
70
80
90
100
0
0.25 0.5 0.75 1
1.25 1.5 1.75 2
2.25
VO = 2.5 V
VO = 1.2 V
IO − Output Current − A
VO = 3.3 V
VO = 1.8 V
VO = 1.5 V
VO = 1 V
VO = 0.9 V
VO = 2.5 V
VO = 1.8 V
IO − Output Current − A
0
10
20
30
40
50
0
0.25 0.5 0.75
1 1.25 1.5 1.75 2
2.25
VO = 3.3 V
VO = 1 V
VO = 0.9 V
VO = 1.5 V
VO = 1.2 V
PTH08080W
www.ti.com
SLTS235D – FEBRUARY 2005 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS (5-V INPUT) (3) (4) (continued)
EFFICIENCY
OUTPUT RIPPLE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 2.
Figure 3.
POWER DISSIPATION
TEMPERATURE DERATING
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 4.
Figure 5.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :PTH08080W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com