Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH08080WAZ Datasheet(PDF) 14 Page - Texas Instruments

Part # PTH08080WAZ
Description  2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTH08080WAZ Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH08080WAZ Datasheet HTML 10Page - Texas Instruments PTH08080WAZ Datasheet HTML 11Page - Texas Instruments PTH08080WAZ Datasheet HTML 12Page - Texas Instruments PTH08080WAZ Datasheet HTML 13Page - Texas Instruments PTH08080WAZ Datasheet HTML 14Page - Texas Instruments PTH08080WAZ Datasheet HTML 15Page - Texas Instruments PTH08080WAZ Datasheet HTML 16Page - Texas Instruments PTH08080WAZ Datasheet HTML 17Page - Texas Instruments PTH08080WAZ Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
2-Jun-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
PTH08080WAD
Active
Production
Through-Hole
Module (EUF) | 5
90 | TIW TRAY
Exempt
SN
N/A for Pkg Type
-40 to 85
PTH08080WAD.B
Active
Production
Through-Hole
Module (EUF) | 5
90 | TIW TRAY
Exempt
SN
N/A for Pkg Type
-40 to 85
PTH08080WAH
Active
Production
Through-Hole
Module (EUF) | 5
90 | TIW TRAY
Exempt
SN
N/A for Pkg Type
-40 to 85
PTH08080WAH.B
Active
Production
Through-Hole
Module (EUF) | 5
90 | TIW TRAY
Exempt
SN
N/A for Pkg Type
-40 to 85
PTH08080WAS
Active
Production
Surface Mount
Module (EUG) | 5
90 | TIW TRAY
No
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH08080WAS.B
Active
Production
Surface Mount
Module (EUG) | 5
90 | TIW TRAY
No
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH08080WAST
Active
Production
Surface Mount
Module (EUG) | 5
250 | SMALL T&R
No
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH08080WAST.B
Active
Production
Surface Mount
Module (EUG) | 5
250 | SMALL T&R
No
SNPB
Level-1-235C-UNLIM/
Level-3-260C-168HRS
-40 to 85
PTH08080WAZ
Active
Production
Surface Mount
Module (EUG) | 5
90 | TIW TRAY
Exempt
SNAGCU
Level-3-260C-168 HR
-40 to 85
PTH08080WAZ.B
Active
Production
Surface Mount
Module (EUG) | 5
90 | TIW TRAY
Exempt
SNAGCU
Level-3-260C-168 HR
-40 to 85
PTH08080WAZT
Active
Production
Surface Mount
Module (EUG) | 5
250 | SMALL T&R
Exempt
SNAGCU
Level-3-260C-168 HR
-40 to 85
PTH08080WAZT.B
Active
Production
Surface Mount
Module (EUG) | 5
250 | SMALL T&R
Exempt
SNAGCU
Level-3-260C-168 HR
-40 to 85
PTH08080WBH
Active
Production
Through-Hole
Module (EUF) | 5
90 | TIW TRAY
In-Work
Call TI
N/A for Pkg Type
-
PTH08080WBH.B
Active
Production
Through-Hole
Module (EUF) | 5
90 | TIW TRAY
In-Work
Call TI
N/A for Pkg Type
-40 to 85
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com