Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG711-3.0 Datasheet (PDF) - Texas Instruments

REG711-3.0 Datasheet PDF - Texas Instruments
Part # REG711-3.0
Download  REG711-3.0 Download
File Size   253.7 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 50mA SWITCHED-CAP DC/DC CONVERTER

REG711-3.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
REG711-3.0 Datasheet PDF - Texas Instruments

Part # REG711-3.0
Download  REG711-3.0 Click to download

File Size   253.7 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 50mA SWITCHED-CAP DC/DC CONVERTER

REG711-3.0 Datasheet (HTML) - Texas Instruments


REG711-3.0 Product details

FEATURES
WIDE INPUT RANGE: 1.8V TO 5.5V
5V VERSION: 2.7V TO 5.5V
AUTOMATIC STEP-UP/STEP-DOWN
OPERATION
LOW INPUT CURRENT RIPPLE
LOW OUTPUT VOLTAGE RIPPLE
MINIMUM NUMBER OF EXTERNAL
COMPONENTS—NO INDUCTORS
1MHz INTERNAL OSCILLATOR ALLOWS
SMALL CAPACITORS
“SHUTDOWN” MODE
THERMAL AND CURRENT LIMIT
PROTECTION
FIVE OUTPUT VOLTAGES AVAILABLE:
5.0V, 3.3V, 3.0V, 2.7V, 2.5V
THIN, SMALL PACKAGE: MSOP-8

APPLICATIONS
SMART CARD READERS
CELLULAR PHONES
SIM CARD SUPPLIES
PORTABLE COMMUNICATION DEVICES
PERSONAL DIGITAL ASSISTANTS
MODEMS
NOTEBOOK AND PALM-TOP COMPUTERS
ELECTRONIC GAMES
HANDHELD METERS
PCMCIA CARDS
CARD BUSES
LCD DISPLAYS

DESCRIPTION
The REG711 is a switched capacitor voltage converter,
which produces a regulated, low ripple output
voltage from an unregulated input voltage. A wide
input supply voltage of 1.8V to 5.5V makes the
REG711 ideal for a variety of battery sources, such as
single cell Li-Ion, or two and three cell Nickel or
Alkaline based chemistries.
The input voltage may vary above and below the
output voltage and the output will remain in regulation.
It works equally well for step up or down without
the need for an inductor, providing low EMI DC/DC
conversion. The high switching frequency allows the
use of small surface-mount capacitors, saving board
space and reducing cost. The REG711 is thermally
protected and current limited, protecting the load and
the regulator during fault conditions. Typical ground
pin current (quiescent current) is 1mA at full load,
60μA with no load, and less than 1μA in shutdown
mode. This regulator comes in a thin MSOP-8 package
with a component height of less than 1.1mm.




Similar Part No. - REG711-3.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG711-3 TI1-REG711-3 Datasheet
737Kb / 13P
50mA SWITCHED-CAP DC/DC CONVERTER
REG711-33 TI1-REG711-33 Datasheet
737Kb / 13P
50mA SWITCHED-CAP DC/DC CONVERTER
More results


Similar Description - REG711-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
SWITCHED CAPACITOR DC-DC CONVERTER
logo
Texas Instruments
REG711 TI-REG711 Datasheet
181Kb / 10P
50mA SWITCHED-CAP DC/DC CONVERTER
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
60mA Switched-Cap BUCK/BOOST CONVERTER
logo
Texas Instruments
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
50mA SWITCHED-CAP DC/DC CONVERTER
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
REG711 TI1-REG711_16 Datasheet
737Kb / 13P
50mA SWITCHED-CAP DC/DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com