Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T5801ST Datasheet (PDF) - TT Electronics.

T5801ST Datasheet PDF - TT Electronics.
Part # T5801ST
Download  T5801ST Download
File Size   317.38 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EXTERNAL DESKTOP POWER SUPPLY 5VDC 20WATT

T5801ST Datasheet (PDF)

Go To PDF Page Download Datasheet
T5801ST Datasheet PDF - TT Electronics.

Part # T5801ST
Download  T5801ST Click to download

File Size   317.38 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EXTERNAL DESKTOP POWER SUPPLY 5VDC 20WATT

T5801ST Datasheet (HTML) - TT Electronics.


T5801ST Product details

Description:
Our Range of 20 Watt AC/DC switch mode power supplies provide 20 Watts of continuous output power in a high quality compact enclosure suitable for many general power applications.
Features:
• Universal Input
• IEC-320-C14 Input Connector
• 3 Year Warranty
• Efficiency Level VI
• Safety approved to: UL,CUL,FCC,GS,RCM,CE UL62638-1, EN62638-1, UKCA62638-1 (Pending)




Similar Part No. - T5801ST

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
T5800ST TTELEC-T5800ST Datasheet
337Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 5VDC 16WATT
30/09/2021
logo
Infineon Technologies A...
T580N INFINEON-T580N Datasheet
248Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-11-30 revision:3.1
More results


Similar Description - T5801ST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV.0
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
5VDC, 3A, 15W Switching Power Supply
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
5Vdc, 3A, 15W Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com