Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM9264 Datasheet (PDF) - Analog Devices

ADM9264 Datasheet PDF - Analog Devices
Part # ADM9264
Download  ADM9264 Download
File Size   181.75 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Power Supply Monitor for Desktop PCs

ADM9264 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM9264 Datasheet PDF - Analog Devices

Part # ADM9264
Download  ADM9264 Click to download

File Size   181.75 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad Power Supply Monitor for Desktop PCs

ADM9264 Datasheet (HTML) - Analog Devices


ADM9264 Product details

GENERAL DESCRIPTION
The ADM9264 is a Quad Supply Monitor IC which simultaneously monitors four separate power supply voltages and outputs error signals if any of the supply voltages go out of limits. It is designed for PC supply monitoring but can be used on any system where multiple power supplies require monitoring. The error output signals are available individually and also gated into a common output - PWROK. Auxiliary inputs ERRX, ERRY are provided which are also gated into the main PWROK signal. These inputs allow signals from other monitoring circuits (for example temperature sensor, alarm, etc.) to be linked into the ADM9264.

FEATURES
   Monitoring of 12 V, 5 V, 3.3 V and 2.8 V Supplies in
      Parallel
   Auxiliary Sensor Inputs
   Low Power: 25 μA Typical
   Internal Comparator Hysteresis
   Power Supply Glitch Immunity
   VCC from 2.5 V to 6 V
   Guaranteed from –40°C to +85°C
   No External Components
   16-Pin Narrow SOIC Package (150 Mil Wide)

APPLICATIONS
   Microprocessor Systems
   Computers
   Controllers
   Intelligent Instruments
   Network Systems




Similar Part No. - ADM9264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Similar Description - ADM9264

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1903 TI-UC1903 Datasheet
477Kb / 8P
Quad Supply and Line Monitor
logo
Rohm
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
Nch FET Ultra LDOs for Desktop PCs
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
Nch FET Ultra LDO for Desktop PCs
logo
Texas Instruments
UC1903J TI1-UC1903J Datasheet
808Kb / 16P
Quad Supply and Line Monitor
logo
Analog Devices
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
Texas Instruments
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
Quad Supply and Line Monitor
logo
Vitec Power
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
30W Desktop Power Supply for Medical Equipment
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
63W Desktop Power Supply for Medical Equipment
SHDA63B-SERIES Vitec-SHDA63B-SERIES Datasheet
382Kb / 2P
63W Desktop Power Supply for Medical Equipment
SIDA20B-SERIES Vitec-SIDA20B-SERIES Datasheet
366Kb / 2P
20W Desktop Power Supply for Industrial Equipment
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com