Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM9264 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM9264
Description  Quad Power Supply Monitor for Desktop PCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM9264 Datasheet(HTML) 1 Page - Analog Devices

  ADM9264 Datasheet HTML 1Page - Analog Devices ADM9264 Datasheet HTML 2Page - Analog Devices ADM9264 Datasheet HTML 3Page - Analog Devices ADM9264 Datasheet HTML 4Page - Analog Devices ADM9264 Datasheet HTML 5Page - Analog Devices ADM9264 Datasheet HTML 6Page - Analog Devices ADM9264 Datasheet HTML 7Page - Analog Devices ADM9264 Datasheet HTML 8Page - Analog Devices ADM9264 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADM9264
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
FEATURES
Monitoring of 12 V, 5 V, 3.3 V and 2.8 V Supplies in
Parallel
Auxiliary Sensor Inputs
Low Power: 25
A Typical
Internal Comparator Hysteresis
Power Supply Glitch Immunity
VCC from 2.5 V to 6 V
Guaranteed from – 4 0 C to +85 C
No External Components
16-Pin Narrow SOIC Package (150 Mil Wide)
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
Network Systems
FUNCTIONAL BLOCK DIAGRAM
L
H
VREF
NC = NO CONNECT
L
H
L
H
L
H
PWROK
MONITOR
LOGIC
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
GND
SU1
SU2
SU3
SU4
NC
ERRX
VCC
ERR1
ERR2
PWROK
ERR3
ERR4
DIS
ERRY
SU4DET
ADM9264
Quad Power Supply Monitor
for Desktop PCs
GENERAL DESCRIPTION
The ADM9264 is a Quad Supply Monitor IC which simulta-
neously monitors four separate power supply voltages and out-
puts error signals if any of the supply voltages go out of limits.
It is designed for PC supply monitoring but can be used on
any system where multiple power supplies require monitor-
ing. The error output signals are available individually and also
gated into a common output - PWROK. Auxiliary inputs
ERRX,
ERRY are provided which are also gated into the main
PWROK signal. These inputs allow signals from other monitor-
ing circuits (for example temperature sensor, alarm, etc.) to be
linked into the ADM9264.
Each power supply monitor circuit uses a proprietary window
comparator design whereby a three resistor network is used in
conjunction with two comparators and a single precision voltage
reference to check if the supply is within its required operating
tolerance. An added feature of this design is that the power
supply voltages being monitored can be higher than the power
supply voltage to the monitoring IC itself.
Analog Devices’ experience in the design of power supply super-
visory circuits is used to provide an optimum solution for the
overall circuit in terms of cost, performance and power con-
sumption. Key features of the design include the incorporation
of hysteresis and glitch immunity into the comparators, which
minimizes the possibility of spurious triggering by noise spikes
on the supplies being monitored.
The part is manufactured on one of Analog Devices’ proprietary
BiCMOS processes, which also includes high performance thin
film resistors to achieve the accuracy required for the precision
voltage reference and power supply high and low trip points.


Similar Part No. - ADM9264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV. 0
More results

Similar Description - ADM9264

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1903 TI-UC1903 Datasheet
477Kb / 8P
Quad Supply and Line Monitor
logo
Rohm
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
Nch FET Ultra LDOs for Desktop PCs
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
Nch FET Ultra LDO for Desktop PCs
logo
Texas Instruments
UC1903J TI1-UC1903J Datasheet
808Kb / 16P
Quad Supply and Line Monitor
logo
Analog Devices
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV. 0
logo
Texas Instruments
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
Quad Supply and Line Monitor
logo
Vitec Power
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
30W Desktop Power Supply for Medical Equipment
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
63W Desktop Power Supply for Medical Equipment
SHDA63B-SERIES Vitec-SHDA63B-SERIES Datasheet
382Kb / 2P
63W Desktop Power Supply for Medical Equipment
SIDA20B-SERIES Vitec-SIDA20B-SERIES Datasheet
366Kb / 2P
20W Desktop Power Supply for Industrial Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com