Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX14819ATM Datasheet (PDF) - Analog Devices

MAX14819ATM Datasheet PDF - Analog Devices
Part # MAX14819ATM
Download  MAX14819ATM Download
File Size   1267.98 Kbytes
Page   70 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual IO-Link Master Transceiver with Integrated Framers and L Supply Controllers

MAX14819ATM Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14819ATM Datasheet PDF - Analog Devices

Part # MAX14819ATM
Download  MAX14819ATM Click to download

File Size   1267.98 Kbytes
Page   70 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual IO-Link Master Transceiver with Integrated Framers and L Supply Controllers

MAX14819ATM Datasheet (HTML) - Analog Devices


MAX14819ATM Product details

General Description
The MAX14819 low-power, dual-channel, IO-Link®
master transceiver with sensor/actuator power-supply controllers is fully compliant with the latest IO-Link and binary
input standards and test specifications, IEC 61131-2, IEC
61131-9 SDCI, and IO-Link 1.1.2. This master transceiver
also includes two auxiliary digital input (DI_) channels.
The MAX14819 is configurable to operate either with
external UARTs or using the integrated framers on the IC.
To ease selection of microcontroller, the master transceiver
features frame handlers with UARTs and FIFOs. These
are designed to simplify time critical control of all IO-Link
M-sequence frame types. The MAX14819 also features
autonomous cycle timers, reducing the need for accurate controller timing. Integrated establish-communication
sequencers also simplify wake-up management.
The MAX14819 integrates two low-power sensor
supply controllers with advanced current limiting, reverse
current blocking, and reverse polarity protection capability
to enable low-power robust solutions.
The MAX14819 is available in a 48-pin (7mm x 7mm)
TQFN package and is specified over the extended -40°C
to +125°C temperature range.

Applications
● IO-Link Master Systems
● IO-Link Gateways

Benefits and Features
● Low-Power Architecture
• 1Ω (typ) Driver On-Resistance
• 1.9mA (typ) Total Supply Current for 2 Channels
• Current Limiters with 15mV Sense Voltage
● Integrated IO-Link Framer Eliminates Need for
External UARTs
• Integrated Cycle Timer Relieves Microcontroller
from Timing-Critical Tasks
● High Configurability and Integration Reduce SKUs
• Two Auxiliary Type 1/Type 3 Digital Inputs
• Supports npn Sensors
• Selectable Driver Current: 100mA to 500mA
● Integrated Protection Enables Robust Systems
• Reverse Polarity Protection on All Interface Pins
• C/Q and DI Fully Compliant with IEC 61131-2
• C/Q Compliant with IO-Link 1.1.2
• Reverse Current Blocking on L+ and C/Q
• 65V Absolute Max Ratings for TVS Flexibility
• Dual 24V Sensor Supply Controllers Include:
Large Capacitive Load Charge Capability
2A and Higher Load Currents
• Glitch Filters for Improved Burst Resilience
• -40°C to +125°C Operating Temperature Range




Similar Part No. - MAX14819ATM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14819ATM MAXIM-MAX14819ATM Datasheet
1Mb / 70P
Dual IO-Link Master Transceiver with Integrated Framers and L Supply Controllers
Rev 0; 3/17
MAX14819ATM+ MAXIM-MAX14819ATM+ Datasheet
1Mb / 70P
Dual IO-Link Master Transceiver with Integrated Framers and L Supply Controllers
Rev 0; 3/17
MAX14819ATM+T MAXIM-MAX14819ATM+T Datasheet
1Mb / 70P
Dual IO-Link Master Transceiver with Integrated Framers and L Supply Controllers
Rev 0; 3/17
More results


Similar Description - MAX14819ATM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
IO-Link Master Transceiver
Rev 3; 5/12
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
IO-Link communication master transceiver IC
15-Mar-2012
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
logo
Maxim Integrated Produc...
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Master Transceiver
Rev 2; 1/13
logo
Dialog Semiconductor
CCE4510 DIALOG-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
IO-link master transceiver
Rev. 1.0, 7/2016
logo
Renesas Technology Corp
CCE4510 RENESAS-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
Dec 15, 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com