Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU200M Datasheet (PDF) - ABB

SU200M Datasheet PDF - ABB
Part # SU200M
Download  SU200M Download
File Size   1171.27 Kbytes
Page   14 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description System pro M compact® Miniature Circuit Breaker SU 200 M for branch circuit protection acc. to UL 489

SU200M Datasheet (PDF)

Go To PDF Page Download Datasheet
SU200M Datasheet PDF - ABB

Part # SU200M
Download  SU200M Click to download

File Size   1171.27 Kbytes
Page   14 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description System pro M compact® Miniature Circuit Breaker SU 200 M for branch circuit protection acc. to UL 489

SU200M Datasheet (HTML) - ABB


SU200M Product details

Features
− High performance MCB with 10 kA interrupting capacity acc. to UL 489 / CSA 22.2 No. 5 and 15 kA breaking capacity acc. to IEC/EN 60947-2
− Certified up to In = 40 A at 480 Y/277 V AC acc. to UL 489 / CSA 22.2 No. 5
− Certified for AC and DC use acc. to UL and CSA
− 40 °C reference temperature acc. to UL and CSA
− Current limiting acc. to UL 489
− Clear contact position indication in red/green (”real CPI“)




Similar Part No. - SU200M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU200-01A-SM ETC1-SU200-01A-SM Datasheet
226Kb / 2P
Large Area InGaAs APDs
SU200-01A-TO ETC1-SU200-01A-TO Datasheet
226Kb / 2P
Large Area InGaAs APDs
logo
ABC Taiwan Electronics ...
SU2009100YP ABC-SU2009100YP Datasheet
101Kb / 6P
SHIELDED SMD POWER INDUCTOR
SU2009150YP ABC-SU2009150YP Datasheet
101Kb / 6P
SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
SHIELDED SMD POWER INDUCTOR
More results


Similar Description - SU200M

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1297 NEC-UPC1297 Datasheet
517Kb / 12P
INTEGRATED CIRCUIT FOR DOLBY HX PRO SYSTEM
logo
NTE Electronics
NTE1702 NTE-NTE1702 Datasheet
22Kb / 2P
Integrated Circuit Color ACC Circuit for VCR
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
Thermal magnetic UL 489 miniature circuit breakers
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
3644 PHOENIX-3644 Datasheet
790Kb / 13P
Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
Lapp.
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803808 LAPP-61803808 Datasheet
110Kb / 2P
SILVYN® COMPACT 90° M
03.07.2018
61803850 LAPP-61803850 Datasheet
110Kb / 2P
SILVYN® COMPACT 45° M
13.03.2019
logo
Schneider Electric
NS80H SCHNEIDER-NS80H Datasheet
177Kb / 3P
MINIATURE CIRCUIT BREAKER 50A
17 October 2021
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com