Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6005GK-P Datasheet (PDF) - Monolithic Power Systems

MP6005GK-P Datasheet PDF - Monolithic Power Systems
Part # MP6005GK-P
Download  MP6005GK-P Download
File Size   1250.97 Kbytes
Page   30 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation

MP6005GK-P Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6005GK-P Datasheet PDF - Monolithic Power Systems

Part # MP6005GK-P
Download  MP6005GK-P Click to download

File Size   1250.97 Kbytes
Page   30 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation

MP6005GK-P Datasheet (HTML) - Monolithic Power Systems


MP6005GK-P Product details

DESCRIPTION
The MP6005 is a high-power, high-efficiency
flyback and forward controller. It is specifically
designed as a low-cost, small, isolated solution
with primary-side regulation (PSR) for flyback
application, and high-efficiency secondary-side
regulation (SSR) for active-clamped forward
application. The MP6005 can also be used in
SSR for flyback topology.
In PSR mode, the MP6005 senses the third
winding waveform on the primary side to
regulate the output and save the optocoupler
and TL431 feedback circuit from SSR
application. Continuous conduction mode
(CCM) provides high efficiency under heavy
load conditions, while the output diode
compensation function supports good output
regulation even during primary-side regulation.
In SSR mode, the SYNC driver provides high
efficiency for active-clamped forward topology.
The MP6005 includes a 2A gate driver,
frequency dithering, overload protection (OLP),
and over-voltage protection (OVP).
The MP6005 is available in an MSOP10
package.

FEATURES
 Primary-Side Regulated Flyback without
Optocoupler Feedback
 Synchronous Gate Driver (SYNC) Provides
High Efficiency for Active-Clamped Forward
Topology
 Wide 8V to 80V Input Voltage Range
 Internal Circuit Supply Compatible with 16V
External Power
 2A GATE and 0.8A SYNC Drivers
 160mV Switching Current-Sense (CS) Limit
 Output Diode Compensation in PrimarySide Regulation (PSR) Mode
 250kHz Fixed Switching Frequency
 Hiccup Protection, Overload Protection
(OLP), Short-Circuit Protection (SCP), OverVoltage Protection (OVP), and Thermal
Shutdown
 Frequency Dithering to Reduce
Electromagnetic Interference (EMI)
 Available in an MSOP10 Package

APPLICATIONS
 Security Cameras
 Video Telephones
 Wireless Access Points (WAPs)
 Point-of-Sale (POS) Systems
 Power over Ethernet (PoE) Systems
 Industrial Isolated Power Supplies




Similar Part No. - MP6005GK-P

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6005GK-P MPS-MP6005GK-P Datasheet
1Mb / 30P
High-Efficiency Flyback/Forward Controller with Primary and Secondary-Side Regulation
2/5/2021 Rev. 1.0
More results


Similar Description - MP6005GK-P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
Primary-Side-Regulation PWM Controller
logo
ON Semiconductor
NCP4302 ONSEMI-NCP4302 Datasheet
150Kb / 16P
Secondary Side Synchronous Flyback Controller
February, 2008 - Rev. 2
logo
Texas Instruments
UCC28630 TI1-UCC28630 Datasheet
3Mb / 68P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
Linear Technology
LTC3766 LINER-LTC3766_15 Datasheet
621Kb / 60P
High Efficiency, Secondary-Side Synchronous Forward Controller
logo
Texas Instruments
UCC28632 TI-UCC28632_15 Datasheet
3Mb / 79P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
UCC28910 TI-UCC28910_15 Datasheet
1Mb / 53P
High-Voltage Flyback Switcher with Primary-Side Regulation and Output Current Control
UCC28632 TI1-UCC28632_18 Datasheet
3Mb / 85P
High-Power Flyback Controller with Primary-Side Regulation and Peak-Power Mode
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
NCV1362 ONSEMI-NCV1362_V01 Datasheet
645Kb / 31P
Automotive Primary Side Flyback Controller
July, 2021 ??Rev. 5
logo
Renesas Technology Corp
IW9809 RENESAS-IW9809 Datasheet
513Kb / 7P
RapidChargeTM AC/DC Primary-Side Digital Quasi-Resonant Flyback Controller for Secondary-Side Regulation
23-Feb-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com