Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS668 Datasheet (PDF) - Texas Instruments

SN54LS668 Datasheet PDF - Texas Instruments
Part # SN54LS668
Download  SN54LS668 Download
File Size   486.68 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SYNCHRONOUS 4-BIT UP/DOWN COUNTERS

SN54LS668 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LS668 Datasheet PDF - Texas Instruments

Part # SN54LS668
Download  SN54LS668 Click to download

File Size   486.68 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SYNCHRONOUS 4-BIT UP/DOWN COUNTERS

SN54LS668 Datasheet (HTML) - Texas Instruments


SN54LS668 Product details

Programmable Look-Ahead Up/Down
Binary/Decade Counters

* Fully Synchronous Operation for Counting

and Programming

* Internal Look-Ahead for Fast Counting

© Carry Output for n-Bit Cascading

* Fully Independent Clock Circuit

© Buffered Outputs

description

Thess synchronous presetiable counters feature an in-
ternal carry look-ahead for cascading in high-speed
counting applications. The 'LS668 are decade counters
and the 'LS669 are 4-bit binary counters. Synchronous
operation is provided by having al fip-flops clocked
simultaneously so that the outputs change coincident
with each other when so instructed by the count-enable
inputs and internal ating. This mode of operation helps
eliminate the output counting spikes that are normally
associated with asynchronous (ripple-ciock) counters.
A buffered clock input triggers the four master-slave
fiip-fiops on the rising (positive-going) edge of the clock
waveform.
‘These counters are fully programmable; thats, the outputs may each be presat 1 either level. The load input circuitry allows
loading with the cary-snsble out of cascaded counters. As acing is synchronous, Seng up a ow evel a th oad input
sates the counter and causes th outputs oes withthe data inputs sf he nxt loc pulse.

Th cary ook circuitry provides fo cascading counts for it synchronous applications without addiionel geting. |
Instrumental in accomplishing hi function re two count-enabe inputs anda cary output. Both count enable input (P and
7) must be low 0 count. The diecion of th count i determine by th evel of the up/down nut. Wien he input fs ih,
the counter counts up; when low, i counts down. Input T i fd forward to enabl thf cary output. The carry output thus
enabld wi produce a ow-evel output pulse when the count i maximum counting up or zo counting down. This owlovel
veiw cay pulse can be used o oni successive cscaded sages. Transitions at th enable or T inputs ar allowed
regardless of the level of the clock input. All inputs are diode-clamped to minimize transmission-line effects, thereby simplify-
ing sysem cesign.

These counters fesure a fully independent clock cicuit, Changes at control inputs (enable B, enable , load,
up/down) that wil mocity the operating mode have no effect unl cocking occurs. Th function of the counter (whether
enable, csabid, loacing, o counting) wil be ictated soley by the conditions meeting the stable setup and ld mes.
The "L553 and "L559 are completely new designs. Compared 10 the orignal ‘LS168 and "LS165, they feature
O-nancsecond minimum hold ime, reduced input curtents I and I, and all bufered outputs.




Similar Part No. - SN54LS668

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
SN54LS668FK TI-SN54LS668FK Datasheet
481Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
SN54LS668J TI-SN54LS668J Datasheet
481Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
SN54LS668W TI-SN54LS668W Datasheet
481Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
More results


Similar Description - SN54LS668

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Oct-1992
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Aug-2001
M74HC191 STMICROELECTRONICS-M74HC191_01 Datasheet
566Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Aug-2001
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com