Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T5891ST Datasheet (PDF) - TT Electronics.

T5891ST Datasheet PDF - TT Electronics.
Part # T5891ST
Download  T5891ST Download
File Size   307.39 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EXTERNAL DESKTOP POWER SUPPLY 15VDC 18WATT

T5891ST Datasheet (PDF)

Go To PDF Page Download Datasheet
T5891ST Datasheet PDF - TT Electronics.

Part # T5891ST
Download  T5891ST Click to download

File Size   307.39 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EXTERNAL DESKTOP POWER SUPPLY 15VDC 18WATT

T5891ST Datasheet (HTML) - TT Electronics.


T5891ST Product details

Features:
• Universal Input
• IEC-320-C14 Input Connector
• 3 Year Warranty
• Efficiency Level VI
• Safety approved to: UL,CUL,FCC,GS,CE,RCM UL62638-1, EN62638-1, UKCA62638-1 (Pending)
Description:
The Stontronics Range of 18 Watt AC/DC switch mode power supplies provide 18 Watts of continuous output power in a high quality compact enclosure suitable for many general power applications.




Similar Part No. - T5891ST

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
T5890ST TTELEC-T5890ST Datasheet
354Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 18WATT
01/10/2021
T5893ST TTELEC-T5893ST Datasheet
347Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 40WATT
01/10/2021
logo
Pulse A Technitrol Comp...
T5894 PULSE-T5894 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
TT Electronics.
T5894ST TTELEC-T5894ST Datasheet
345Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 60WATT
01/10/2021
logo
List of Unclassifed Man...
T589N ETC-T589N Datasheet
1Mb / 3P
PHASE CONTROL THYRISTORS
More results


Similar Description - T5891ST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
Quad Power Supply Monitor for Desktop PCs
REV.0
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
logo
Mean Well Enterprises C...
ESP-120_1108 MEANWELL-ESP-120_1108 Datasheet
312Kb / 3P
108W/216W Desktop Power Supply or Charger
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Vitec Power
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
30W Desktop Power Supply for Medical Equipment
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com