Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA5533 Datasheet (PDF) - Fuji Electric

FA5533 Datasheet PDF - Fuji Electric
Part # FA5533
Download  FA5533 Download
File Size   244.56 Kbytes
Page   3 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description PFC / PWM Combination

FA5533 Datasheet (PDF)

Go To PDF Page Download Datasheet
FA5533 Datasheet PDF - Fuji Electric

Part # FA5533
Download  FA5533 Click to download

File Size   244.56 Kbytes
Page   3 Pages
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric
Description PFC / PWM Combination

FA5533 Datasheet (HTML) - Fuji Electric


FA5533 Product details

PFC / PWM Combination IC



Features

•Critical mode Power Factor Correction and PWM are combined : suitable for smaller power supply

•Internal start-up circuit with 500V rating and low frequency operation achieves 340mW input at no loadwhen PFC stops.

•Small Output Capacitance : Linearly reduced frequency for light load makes small ripple voltage.

•PFC stops below half load ( only for FA5533 )

•Vcc rating 28V allows noseries regulator for auxiliary winding to clamp Vcc voltage.

•Adjustable Soft Start time

•Auto-Restart Over Load Protection

•Auto-Restart Over-Voltage Protection for Vcc

•Adjustable Start-up sequence for PFC and PWM: easy Full Load Start-up

•Brown-Out below 70Vac and70Vdc of PFC Output

•16 pins package ( DIP/SO )



Usage : Notebook PC, LCD Monitor, LCD-TV, Laser Beam Printer etc.




Similar Part No. - FA5533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA5530 ETC2-FA5530 Datasheet
256Kb / 4P
Quasi-Resonant IC
FA5531 ETC2-FA5531 Datasheet
256Kb / 4P
Quasi-Resonant IC
logo
Fuji Electric
FA5531 FUJI-FA5531 Datasheet
209Kb / 2P
Low Standby Power Quasi-Resonant Controller
logo
List of Unclassifed Man...
FA5532 ETC2-FA5532 Datasheet
256Kb / 4P
Quasi-Resonant IC
logo
Fuji Electric
FA5532 FUJI-FA5532 Datasheet
209Kb / 2P
Low Standby Power Quasi-Resonant Controller
More results


Similar Description - FA5533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28510 TI-UCC28510 Datasheet
563Kb / 39P
ADVANCED PFC/PWM COMBINATION CONTROLLERS
logo
Fairchild Semiconductor
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
PFC/PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
PFC/PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
PFCPWM Combination Controller
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
PFC/PWM Controller Combination
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
Fairchild Semiconductor
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
PFC/ PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
ADVANCED PFC/PWM COMBINATION CONTROLLER
More results




About Fuji Electric


Fuji Electric is a Japanese company that specializes in the manufacture of electrical and electronic equipment.
The company was founded in 1923 and is headquartered in Tokyo, Japan.
Fuji Electric offers a wide range of products including power electronics equipment, industrial automation equipment, and more.
The company is known for its expertise in power electronics and energy management, as well as its innovative technologies in the fields of electric vehicles, renewable energy, and smart grid solutions.
Fuji Electric has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its industrial and commercial products, Fuji Electric also provides a range of products and solutions for consumer and residential applications, such as air-conditioning systems, home appliances, and home security systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com