Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65LVDM176 Datasheet (PDF) - Texas Instruments

SN65LVDM176 Datasheet PDF - Texas Instruments
Part # SN65LVDM176
Download  SN65LVDM176 Download
File Size   647.38 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER

SN65LVDM176 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65LVDM176 Datasheet PDF - Texas Instruments

Part # SN65LVDM176
Download  SN65LVDM176 Click to download

File Size   647.38 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER

SN65LVDM176 Datasheet (HTML) - Texas Instruments


SN65LVDM176 Product details

FEATURES
· Low-Voltage Differential Driver and Receiver
for Half-Duplex Operation
· Designed for Signaling Rates of 400 Mbit/s
· ESD Protection Exceeds 15 kV on Bus Pins
· Operates From a Single 3.3-V Supply
· Low-Voltage Differential Signaling With
Typical Output Voltages of 350 mV and a
50-W Load
· Valid Output With as Little as 50 mV Input
Voltage Difference
· Propagation Delay Times
– Driver: 1.7 ns Typ
– Receiver: 3.7 ns Typ
· Power Dissipation at 200 MHz
– Driver: 50 mW Typical
– Receiver: 60 mW Typical
· LVTTL Levels Are 5-V Tolerant
· Bus Pins Are High Impedance When Disabled
or With VCC Less Than 1.5 V
· Open-Circuit Fail-Safe Receiver
· Surface-Mount Packaging
– D Package (SOIC)
– DGK Package (MSOP)

DESCRIPTION
The SN65LVDM176 is a differential line driver and receiver configured as a transceiver that uses low-voltage
differential signaling (LVDS) to achieve signaling rates as high as 400 Mbit/s. These circuits are similar to
TIA/EIA-644 standard compliant devices (SN65LVDS) counterparts except that the output current of the drivers is
doubled. This modification provides a minimum differential output voltage magnitude of 247 mV into a 50-W load
and allows double-terminated lines and half-duplex operation. The receivers detect a voltage difference of less
than 50 mV with up to 1 V of ground potential difference between a transmitter and receiver.
The intended application of this device and signaling technique is for half-duplex or multiplex baseband data
transmission over controlled impedance media of approximately 100-W characteristic impedance. The
transmission media may be printed-circuit board traces, backplanes, or cables. (Note: The ultimate rate and
distance of data transfer is dependent upon the attenuation characteristics of the media, the noise coupling to the
environment, and other application specific characteristics).
The SN65LVDM176 is characterized for operation from –40°C to 85°C.




Similar Part No. - SN65LVDM176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176 TI-SN65LVDM176 Datasheet
265Kb / 20P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176 TI-SN65LVDM176 Datasheet
209Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176 TI-SN65LVDM176 Datasheet
211Kb / 15P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176D TI-SN65LVDM176D Datasheet
265Kb / 20P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM176D TI-SN65LVDM176D Datasheet
209Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
More results


Similar Description - SN65LVDM176

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM176 TI-SN65LVDM176 Datasheet
265Kb / 20P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM176 TI-SN65LVDM176_06 Datasheet
209Kb / 16P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM176 TI-SN65LVDM176_08 Datasheet
211Kb / 15P
HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVER
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
High speed differential line receivers
28-Aug-2007
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com