Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD2 Datasheet (PDF) - Texas Instruments

SN65MLVD2 Datasheet PDF - Texas Instruments
Part # SN65MLVD2
Download  SN65MLVD2 Download
File Size   754.21 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE M-LVDS RECEIVERS

SN65MLVD2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65MLVD2 Datasheet PDF - Texas Instruments

Part # SN65MLVD2
Download  SN65MLVD2 Click to download

File Size   754.21 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SINGLE M-LVDS RECEIVERS

SN65MLVD2 Datasheet (HTML) - Texas Instruments


SN65MLVD2 Product details

FEATURES
· Low-Voltage Differential 30-W to 55-W Line
Receivers for Signaling Rates(1) up to
250Mbps; Clock Frequencies up to 125MHz
· SN65MLVD2 Type-1 Receiver Incorporates 25
mV of Input Threshold Hysteresis
· SN65MLVD3 Type-2 Receiver Provides 100
mV Offset Threshold to Detect Open-Circuit
and Idle-Bus Conditions
· Wide Receiver Input Common-Mode Voltage
Range, –1 V to 3.4 V, Allows 2 V of Ground
Noise
· Improved VIT (35 mV)
· Meets or Exceeds the M-LVDS Standard
TIA/EIA-899 for Multipoint Topology
· High Input Impedance with Low Supply
Voltage
· Bus-Pin HBM ESD Protection Exceeds 9 kV
· Packaged in 8-Pin SON (DRB) 70% Smaller
Than 8-Pin SOIC

APPLICATIONS
· Parallel Multipoint Data and Clock
Transmission via Backplanes and Cables
· Cellular Base Stations
· Central Office Switches
· Network Switches and Routers

DESCRIPTION
The SN65MLVD2 and SN65MLVD3 are single-channel M-LVDS receivers. These devices are designed in full
compliance with the TIA/EIA-899 (M-LVDS) standard, which are optimized to operate at signaling rates up to
250 Mbps. Each receiver channel is controlled by a receive enable (RE). When RE = low, the corresponding
channel is enabled; when RE = high, the corresponding channel is disabled.
The M-LVDS standard defines two types of receivers, designated as Type-1 and Type-2. Type-1 receivers
SN65MLVD2) have thresholds centered about zero with 25 mV of hysteresis to prevent output oscillations with
loss of input; Type-2 receivers (SN65MLVD3) implement a failsafe by using an offset threshold. Receiver
outputs are slew rate controlled to reduce EMI and crosstalk effects associated with large current surges.
The devices are characterized for operation from –40°C to 85°C.




Similar Part No. - SN65MLVD2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
SINGLE M-LVDS RECEIVERS
SN65MLVD200 TI-SN65MLVD200 Datasheet
336Kb / 23P
MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD200 TI1-SN65MLVD200 Datasheet
1Mb / 31P
MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
SN65MLVD200A TI-SN65MLVD200A Datasheet
547Kb / 26P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI-SN65MLVD200A Datasheet
667Kb / 25P
MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results


Similar Description - SN65MLVD2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
Quad LVDS Receivers
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
SINGLE M-LVDS RECEIVERS
SN65LVDS049 TI-SN65LVDS049_05 Datasheet
191Kb / 12P
DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048 Datasheet
480Kb / 18P
QUAD CHANNEL M-LVDS RECEIVERS
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
Single/Dual LVDS Receivers
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048_1 Datasheet
696Kb / 20P
QUAD CHANNEL M-LVDS RECEIVERS
SN65LVDS049 TI-SN65LVDS049_09 Datasheet
370Kb / 14P
DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
logo
STMicroelectronics
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
Rad-hard quad LVDS receivers
04-Mar-2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com