Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65MLVD2 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65MLVD2
Description  SINGLE M-LVDS RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN65MLVD2 Datasheet(HTML) 5 Page - Texas Instruments

  SN65MLVD2 Datasheet HTML 1Page - Texas Instruments SN65MLVD2 Datasheet HTML 2Page - Texas Instruments SN65MLVD2 Datasheet HTML 3Page - Texas Instruments SN65MLVD2 Datasheet HTML 4Page - Texas Instruments SN65MLVD2 Datasheet HTML 5Page - Texas Instruments SN65MLVD2 Datasheet HTML 6Page - Texas Instruments SN65MLVD2 Datasheet HTML 7Page - Texas Instruments SN65MLVD2 Datasheet HTML 8Page - Texas Instruments SN65MLVD2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
RECEIVER SWITCHING CHARACTERISTICS
SN65MLVD2
SN65MLVD3
SLLS767 – NOVEMBER 2006
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
2
6
ns
tPHL
Propagation delay time, high-to-low-level output
2
6
ns
tr
Output signal rise time
1
2.3
tf
Output signal fall time
CL = 15 pF, See Figure 2
1
2.3
ns
Type 1
90
210
tsk(p)
Pulse skew (|tPHL– tPLH|)
ps
Type 2
45
250
tsk(pp)
Part-to-part skew
1
ns
tjit(per)
Period jitter, rms (1 standard deviation)(2)
125 MHz clock input
10
ps
tjit(c-c)
Cycle-to-cycle jitter, rms(3)
125 MHz clock input(4)
8
ps
Type 1
500
ps
tjit(det)
Deterministic jitter(2)
250 Mbps 215-1 PRBS input(5)
Type 2
450
ps
Type 1
8
ps
tjit(ran)
Random jitter(2)
250 Mbps 215-1 PRBS input(5)
Type 2
8
ps
tPZH
Enable time, high-impedance-to-high-level output
CL = 15 pF, See Figure 3
15
ns
tPZL
Enable time, high-impedance-to-low-level output
CL = 15 pF, See Figure 3
15
ns
tPHZ
Disable time, high-level-to-high-impedance output
CL = 15 pF, See Figure 3
10
ns
tPLZ
Disable time, low-level-to-high-impedance output
CL = 15 pF, See Figure 3
10
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(2)
Jitter measured by triggering off of the input source to track out the associated input jitter.
(3)
Stimulus jitter has been subtracted from the numbers.
(4)
Measured over 75K samples
(5)
Measured over BER = 10–6.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
A
6
I
M-LVDS Non-inverting input
B
7
I
M-LVDS Inverting input
R
3
O
Data output from receivers
RE
2
I
Receiver enable, active low, enables all receivers
GND
4, 5
Circuit ground
VCC
1, 8
Supply voltage
DEVICE FUNCTION TABLES
TYPE-1 RECEIVER (SN65MLVD2)
TYPE-2 RECEIVER (SN65MLVD3)
INPUTS(1)
OUTPUT(1)
INPUTS(1)
OUTPUT(1)
VID = VA– VB
RE
R
VID = VA– VB
RE
R
VID ≥ 35 mV
L
H
VID ≥ 135 mV
L
H
–35 mV
≤ V
ID ≤ 35 mV
L
?
65 mV
≤ V
ID ≤ 135 mV
L
?
VID ≤– 35 mV
L
L
VID ≤ 65 mV
L
L
X
H
Z
X
H
Z
X
Open
Z
X
Open
Z
Open Circuit
L
?
Open Circuit
L
L
(1)
H=high level, L=low level, Z=high impedance, X=Don’t care, ?=indeterminate
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com