Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6145 Datasheet (PDF) - Axiomtek Co., Ltd.

AX6145 Datasheet PDF - Axiomtek Co., Ltd.
Part # AX6145
Download  AX6145 Download
File Size   2409.4 Kbytes
Page   2 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 4U Rackmount Chassis for ATX Motherboards

AX6145 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6145 Datasheet PDF - Axiomtek Co., Ltd.

Part # AX6145
Download  AX6145 Click to download

File Size   2409.4 Kbytes
Page   2 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description 4U Rackmount Chassis for ATX Motherboards

AX6145 Datasheet (HTML) - Axiomtek Co., Ltd.


AX6145 Product details

Features
● Two 5.25" and two 3.5" HDD drive bays
● Two 8 cm ball-bearing fans
● Supports ATX MB
● 427 mm (16.8") depth suitable for undersized rack cabinet




Similar Part No. - AX6145

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX6145 AXIOMTEK-AX6145 Datasheet
429Kb / 1P
Two 8 cm ball-bearing fans
AX6145T(W)B/X300 AXIOMTEK-AX6145T(W)B/X300 Datasheet
429Kb / 1P
Two 8 cm ball-bearing fans
AX6145T(W)B/X400 AXIOMTEK-AX6145T(W)B/X400 Datasheet
429Kb / 1P
Two 8 cm ball-bearing fans
AX6145T(W)M/X300 AXIOMTEK-AX6145T(W)M/X300 Datasheet
429Kb / 1P
Two 8 cm ball-bearing fans
AX6145T(W)M/X400 AXIOMTEK-AX6145T(W)M/X400 Datasheet
429Kb / 1P
Two 8 cm ball-bearing fans
More results


Similar Description - AX6145

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PCH-R400M PROTECHSYSTEMS-PCH-R400M Datasheet
110Kb / 1P
4U Rackmount Chassis
logo
Advantech Co., Ltd.
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
4U Rackmount Chassis for ATX Motherboard
HPC-7400MB-70A1E ADVANTECH-HPC-7400MB-70A1E Datasheet
1Mb / 2P
4U Compact Rackmount / Tower Chassis for EATX/ATX/MircoATX Motherboard
logo
Axiomtek Co., Ltd.
AX6145 AXIOMTEK-AX6145_17 Datasheet
405Kb / 2P
4U Rackmount Chassis
logo
Advantech Co., Ltd.
ACP-4010 ADVANTECH-ACP-4010_17 Datasheet
849Kb / 2P
Quiet 4U Rackmount Chassis for ATX/CEB/EEB Motherboard
HPC-7483 ADVANTECH-HPC-7483 Datasheet
991Kb / 2P
4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
logo
Adlink Technology Inc.
RK-630 ADLINK-RK-630 Datasheet
420Kb / 2P
4U rackmount industrial chassis supporting ATX motherboard
logo
Advantech Co., Ltd.
HPC-7400 ADVANTECH-HPC-7400_V01 Datasheet
1Mb / 2P
4U Compact Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
27-Jun-2018
IPC-941 ADVANTECH-IPC-941 Datasheet
1Mb / 2P
348mm Depth 4U Rackmount Chassis for ATX Motherboard
30-Mar-2018
HPC-7485 ADVANTECH-HPC-7485 Datasheet
1Mb / 2P
4U Rackmount for EATX/ATX Motherboard
17-Jun-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com