Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4163 Datasheet (PDF) - Sealevel Systems, Inc.

4163 Datasheet PDF - Sealevel Systems, Inc.
Part # 4163
Download  4163 Download
File Size   267.42 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 16-Port RS-232, RS-422, RS-485 Serial Server

4163 Datasheet (PDF)

Go To PDF Page Download Datasheet
4163 Datasheet PDF - Sealevel Systems, Inc.

Part # 4163
Download  4163 Click to download

File Size   267.42 Kbytes
Page   2 Pages
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.
Description Ethernet to 16-Port RS-232, RS-422, RS-485 Serial Server

4163 Datasheet (HTML) - Sealevel Systems, Inc.


4163 Product details

Features
• Ethernet 10/100BaseT (autosense)
• Each port individually configurable for RS-232, RS-422, or RS-485
• Automatic RS-485 enable/disable
• Appears as virtual COM ports to host machine
• Data rates to 230.4K bps
• Supports custom baud rates and 9-bit protocol
• Built-in watchdog/reset circuit automatically recovers the converter
from unexpected error-states
• 120V AC adapter with locking connector included (12VDC @ 1A
output, Item# TR125)
• To ease installation, includes 7′ CAT5 patch cable (blue, Item#
CA246) and crossover cable (yellow, Item# CA251)
• Includes RJ45 loopbacks (one each) for testing RS-232, RS-422, and
RS-485
• Sealevel SeaLINK software supports Microsoft Windows and Linux
operating systems




Similar Part No. - 4163

ManufacturerPart #DatasheetDescription
logo
Heyco.
4163 HEYCO-4163 Datasheet
121Kb / 1P
Lockit™ Loops
logo
Adafruit Industries
4163 ADAFRUIT-4163 Datasheet
756Kb / 2P
Side-light Fiber Optic Tube - 4mm Diameter - 1 meter long
4-26-19
logo
Wiha Tools
41630 WIHA-41630 Datasheet
60Kb / 1P
XLSelector Y bit set, 50 mm
logo
Weidmuller
4163020000 WEIDMULLER-4163020000 Datasheet
744Kb / 20P
Component Carriers and Housings
4163020000 WEIDMULLER-4163020000 Datasheet
733Kb / 20P
Component Carriers and Housings
More results


Similar Description - 4163

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
ADAM-4570 ADVANTECH-ADAM-4570 Datasheet
587Kb / 1P
1-port RS-232/422/485 Serial Device Server
EKI-1521 ADVANTECH-EKI-1521 Datasheet
562Kb / 1P
1-port RS-232/422/485 Serial Device Server
EKI-1524 ADVANTECH-EKI-1524 Datasheet
546Kb / 1P
4-port RS-232/422/485 Serial Device Server
EKI-1526 ADVANTECH-EKI-1526 Datasheet
656Kb / 2P
8-port RS-232/422/485 Serial Device Server
EKI-1524 ADVANTECH-EKI-1524_15 Datasheet
621Kb / 2P
4-port RS-232/422/485 Serial Device Server
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Coolgear Inc.
MSD-SRP1XM-PRO COOLGEAR-MSD-SRP1XM-PRO Datasheet
275Kb / 3P
1-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/8/21
MSD-SRP2XM-PRO COOLGEAR-MSD-SRP2XM-PRO Datasheet
278Kb / 2P
2-Port RS-232/422/485 Serial to Ethernet Device Server, PoE Power
7/9/2021
MSD-SRP4XM-PRO COOLGEAR-MSD-SRP4XM-PRO Datasheet
306Kb / 2P
4-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/9/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com