Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4163 Datasheet (PDF) - Adafruit Industries

4163 Datasheet PDF - Adafruit Industries
Part # 4163
Download  4163 Download
File Size   756.69 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Side-light Fiber Optic Tube - 4mm Diameter - 1 meter long

4163 Datasheet (PDF)

Go To PDF Page Download Datasheet
4163 Datasheet PDF - Adafruit Industries

Part # 4163
Download  4163 Click to download

File Size   756.69 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Side-light Fiber Optic Tube - 4mm Diameter - 1 meter long

4163 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 4163

ManufacturerPart #DatasheetDescription
logo
Heyco.
4163 HEYCO-4163 Datasheet
121Kb / 1P
Lockit™ Loops
logo
Sealevel Systems, Inc.
4163 SEALEVEL-4163 Datasheet
267Kb / 2P
Ethernet to 16-Port RS-232, RS-422, RS-485 Serial Server
logo
Wiha Tools
41630 WIHA-41630 Datasheet
60Kb / 1P
XLSelector Y bit set, 50 mm
logo
Weidmuller
4163020000 WEIDMULLER-4163020000 Datasheet
744Kb / 20P
Component Carriers and Housings
4163020000 WEIDMULLER-4163020000 Datasheet
733Kb / 20P
Component Carriers and Housings
More results


Similar Description - 4163

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62074 MICROPAC-62074 Datasheet
80Kb / 2P
FIBER OPTIC GaAlAs LIGHT EMITTING DIODE
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Extech Instruments Corp...
401020 EXTECH-401020 Datasheet
380Kb / 4P
Light Meter Adapters
401025 EXTECH-401025 Datasheet
117Kb / 6P
Digital Light Meter
LT300 EXTECH-LT300 Datasheet
132Kb / 6P
Digital Light Meter
PM200 EXTECH-PM200 Datasheet
800Kb / 24P
Fiber Optic Power Meter
logo
Hamamatsu Corporation
R9876 HAMAMATSU-R9876 Datasheet
241Kb / 4P
PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
logo
Extech Instruments Corp...
SDL400 EXTECH-SDL400_15 Datasheet
147Kb / 1P
Light Meter/Datalogger
logo
List of Unclassifed Man...
OTFI-0290 ETC2-OTFI-0290 Datasheet
783Kb / 4P
XLM High Output LED Fiber Optic Light Module
logo
PUI audio inc.
TOM-1242L-NF-C3310-R PUIAUDIO-TOM-1242L-NF-C3310-R Datasheet
440Kb / 5P
Ultra-small 4mm diameter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com