Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVQ573 Datasheet (PDF) - STMicroelectronics

74LVQ573 Datasheet PDF - STMicroelectronics
Part # 74LVQ573
Download  74LVQ573 Download
File Size   75.13 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING

74LVQ573 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ573 Datasheet PDF - STMicroelectronics

Part # 74LVQ573
Download  74LVQ573 Click to download

File Size   75.13 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING

74LVQ573 Datasheet (HTML) - STMicroelectronics


74LVQ573 Product details

DESCRIPTION
The LVQ573 is a low voltage CMOS OCTAL D-TYPE LATCH with 3 STATE OUTPUT NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications.
It has better speed performance at 3.3V than 5V LSTTL family combined with the true CMOS low power consumption.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 3.3V
■ COMPATIBLEWITH TTL OUTPUTS
■ LOW POWER DISSIPATION:
   ICC =4 µA (MAX.) at TA = 25 °C
■ LOW NOISE:
   VOLP = 0.5 V (TYP.) at VCC = 3.3V
■ 75Ω TRANSMISSIONLINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 24 mA (MIN)
■ PCI BUS LEVELSGUARANTEED AT 24mA
■ BALANCEDPROPAGATIONDELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGERANGE:
   VCC (OPR)= 2V to 3.6V (1.2VData Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 573
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVQ573

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ573 FAIRCHILD-74LVQ573 Datasheet
101Kb / 6P
Low Voltage Octal Latch with 3-STATE Outputs
74LVQ573 FAIRCHILD-74LVQ573 Datasheet
73Kb / 7P
Low Voltage Octal Latch with 3-STATE Outputs
logo
STMicroelectronics
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
288Kb / 13P
LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
29-Jul-2004
74LVQ573MTR STMICROELECTRONICS-74LVQ573MTR Datasheet
288Kb / 13P
LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
29-Jul-2004
logo
Fairchild Semiconductor
74LVQ573QSC FAIRCHILD-74LVQ573QSC Datasheet
101Kb / 6P
Low Voltage Octal Latch with 3-STATE Outputs
More results


Similar Description - 74LVQ573

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74AC573 STMICROELECTRONICS-74AC573 Datasheet
248Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74LVQ373 STMICROELECTRONICS-74LVQ373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
Feb-1999
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
12-Nov-2004
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Nov-1999
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
241Kb / 12P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
12-Nov-2004
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
16-Dec-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com