Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKP2F001501D00ESSD Datasheet (PDF) - WIMA GmbH & Co. KG, Mannheim.

FKP2F001501D00ESSD Datasheet PDF - WIMA GmbH & Co. KG, Mannheim.
Part # FKP2F001501D00ESSD
Download  FKP2F001501D00ESSD Download
File Size   584.59 Kbytes
Page   8 Pages
Manufacturer  WIMA [WIMA GmbH & Co. KG, Mannheim.]
Direct Link  https://www.wima.de/en/
Logo WIMA - WIMA GmbH & Co. KG, Mannheim.
Description Polypropylene (PP) Film and Foil Capacitors for Pulse Applications in PCM 5 mm

FKP2F001501D00ESSD Datasheet (PDF)

Go To PDF Page Download Datasheet
FKP2F001501D00ESSD Datasheet PDF - WIMA GmbH & Co. KG, Mannheim.

Part # FKP2F001501D00ESSD
Download  FKP2F001501D00ESSD Click to download

File Size   584.59 Kbytes
Page   8 Pages
Manufacturer  WIMA [WIMA GmbH & Co. KG, Mannheim.]
Direct Link  https://www.wima.de/en/
Logo WIMA - WIMA GmbH & Co. KG, Mannheim.
Description Polypropylene (PP) Film and Foil Capacitors for Pulse Applications in PCM 5 mm

FKP2F001501D00ESSD Datasheet (HTML) - WIMA GmbH & Co. KG, Mannheim.


FKP2F001501D00ESSD Product details

Special Features
■ Pulse duty construction
■ Close tolerances up to ±2.5 % (±1 % on request)
■ Very low dissipation factor
■ Negative capacitance change versus temperature
■ Very low dielectric absorption
■ According to RoHS 2002/95/EC

Typical Applications
For high frequency applications e.g.
■ Sample and hold
■ Timing
■ LC-Filtering
■ Oscillating circuits
■ Audio equipment




Similar Part No. - FKP2F001501D00ESSD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKP202 SANKEN-FKP202 Datasheet
306Kb / 9P
N-Channel MOS FET
FKP202 SANKEN-FKP202 Datasheet
312Kb / 9P
N-Channel MOS FET
logo
Inchange Semiconductor ...
FKP202 ISC-FKP202 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
Sanken electric
FKP250A SANKEN-FKP250A Datasheet
309Kb / 9P
N-Channel MOS FET
FKP250A SANKEN-FKP250A Datasheet
314Kb / 9P
N-Channel MOS FET
More results


Similar Description - FKP2F001501D00ESSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE448 ETC-PHE448 Datasheet
55Kb / 2P
Pulse capacitor, polypropylene film/foil
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
Polypropylene film foil capacitors
logo
Vishay Siliconix
KP374 VISHAY-KP374 Datasheet
121Kb / 8P
AC and Pulse Polypropylene Film Foil Capacitors KP Radial Epoxy Lacquered Type
26-Jul-06
logo
Cornell Dubilier Electr...
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
Polyester and Polypropylene Film/Foil Capacitors
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
Film/Foil Polypropylene Capacitors
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
Polypropylene film foil capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Vishay Siliconix
KP1830233061 VISHAY-KP1830233061 Datasheet
99Kb / 10P
AC and Pulse Film Foil Capacitors
16-Jan-09
logo
List of Unclassifed Man...
FKS2D011001A00JSSD ETC1-FKS2D011001A00JSSD Datasheet
277Kb / 7P
Polyester (PET) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
logo
Kemet Corporation
PHE448 KEMET-PHE448 Datasheet
130Kb / 2P
Pulse capacitor, polypropylene film/foil
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com