Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKP2F001501D00ESSD Datasheet(PDF) 7 Page - WIMA GmbH & Co. KG, Mannheim.

Part # FKP2F001501D00ESSD
Description  Polypropylene (PP) Film and Foil Capacitors for Pulse Applications in PCM 5 mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIMA [WIMA GmbH & Co. KG, Mannheim.]
Direct Link  https://www.wima.de/en/
Logo WIMA - WIMA GmbH & Co. KG, Mannheim.

FKP2F001501D00ESSD Datasheet(HTML) 7 Page - WIMA GmbH & Co. KG, Mannheim.

  FKP2F001501D00ESSD Datasheet HTML 1Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 2Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 3Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 4Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 5Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 6Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 7Page - WIMA GmbH & Co. KG, Mannheim. FKP2F001501D00ESSD Datasheet HTML 8Page - WIMA GmbH & Co. KG, Mannheim.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
130
D
* for 2-inch transport pitches.
Moulded versions.
Rights reserved to amend design data without prior notification.
Samples and pre-production needs 1 packing unit minimum.
PCM
Size
ROLL
REEL
AMMO
P 360
P 500
340 x 340
490 x 370
H16.5
H18.5
H16.5
H18.5
H16.5
H18.5
H16.5
H18.5
H16.5
H18.5
W
H
L
Codes
N
O
F
I
H
J
A
C
B
D
2.5 mm
2.5
7
4.6
0B
2200
2500
–
2800
–
3
7.5
4.6
0C
2000
2300
–
2300
–
3.8
8.5
4.6
0D
1500
1800
–
1800
–
4.6
9
4.6
0E
1200
1500
–
1500
–
5.5
10
4.6
0F
900
1200
–
1200
–
5 mm
2.5
6.5
7.2
1A
2200
2500
–
2800
–
3
7.5
7.2
1B
2000
2300
–
2300
–
3.5
8.5
7.2
1C
1600
2000
–
2000
–
4.5
6
7.2
1D
1300
1500
–
1500
–
4.5
9.5
7.2
1E
1300
1500
–
1500
–
5
10
7.2
1F
1100
1400
–
1400
–
5.5
7
7.2
1G
1000
1200
–
1200
–
5.5
11.5
7.2
1H
1000
1200
–
1200
–
6.5
8
7.2
1I
800
1000
–
1000
–
7.2
8.5
7.2
1J
700
1000
–
1000
–
7.2
13
7.2
1K
700
950
–
1000
–
8.5
10
7.2
1L
600
800
–
800
–
8.5
14
7.2
1M
600
800
–
800
–
11
16
7.2
1N
500
700
–
700
–
7.5 mm
2.5
7
10
2A
–
2500
4400
2500
–
3
8.5
10
2B
–
2200
4300
2300
4150
4
9
10
2C
–
1700
3200
1700
3100
4.5
9.5
10.3
2D
–
1500
2900
1400
2800
5
10.5
10.3
2E
–
1300
2500
1300
–
5.7
12.5
10.3
2F
–
1000
2200
1100
–
7.2
12.5
10.3
2G
–
900
1800
1000
–
10 mm
3
9
13
3A
–
1100
2200
–
1900
4
8.5
13.5
FA
–
900
1600
–
1450
4
9
13
3C
–
900
1600
–
1450
4
9.5
13
3D
–
900
1600
–
1400
5
10
13.5
FB
–
700
1300
–
1200
5
11
13
3F
–
700
1300
–
1200
6
12
13
3G
–
550
1100
–
1000
6
12.5
13
3H
–
550
1100
–
1000
8
12
13
3I
–
400
800
–
740
15 mm
5
11
18
4B
–
600
1200
–
1150
5
13
19
FC
–
600
1200
–
1200
6
12.5
18
4C
–
500
1000
–
1000
6
14
19
FD
–
500
1000
–
1000
7
14
18
4D
–
450
900
–
850
7
15
19
FE
–
450
900
–
850
8
15
18
4F
–
400
800
–
740
8
17
19
FF
–
400
800
–
740
9
14
18
4H
–
350
700
–
650
9
16
18
4J
–
350
700
–
650
10
18
19
FG
–
300
650
–
590
11
14
18
4M
–
300
600
–
540
22.5 mm
5
14
26.5
5A
–
–
800
–
770
6
15
26.5
5B
–
–
700
–
640
7
16.5
26.5
5D
–
–
600
–
550
8
20
28
FH
–
–
500
–
480
8.5
18.5
26.5
5F
–
–
480
–
450
10
22
28
FI
–
–
420
–
380
10.5
19
26.5
5G
–
–
400
–
360
10.5
20.5
26.5
5H
–
–
400
–
360
11
21
26.5
5I
–
–
380
–
350
12
24
28
FJ
–
–
350
–
310
27.5 mm
9
19
31.5
6A
–
–
460/340*
–
420
11
21
31.5
6B
–
–
380/280*
–
350
13
24
31.5
6D
–
–
300
–
290
15
26
31.5
6F
–
–
270
–
250
Packing Units for Taped Capacitors
with Radial Leads



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com