Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA239101 Datasheet (PDF) - Renesas Technology Corp

RAA239101 Datasheet PDF - Renesas Technology Corp
Part # RAA239101
Download  RAA239101 Download
File Size   2079.72 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Photoelectric Smoke Detector AFE IC

RAA239101 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA239101 Datasheet PDF - Renesas Technology Corp

Part # RAA239101
Download  RAA239101 Click to download

File Size   2079.72 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Photoelectric Smoke Detector AFE IC

RAA239101 Datasheet (HTML) - Renesas Technology Corp


RAA239101 Product details

Features
• Ultra-low current consumption
• 9V or 3V to 5V battery operation
• LDO for microcontroller supply
• 10-bit ADC for measuring voltage on 7 analog pins
• Drives two LED emitters with 8-bit current DAC
control from 45mA to 600mA
• Two photodiode receivers with programmable gain
amplifiers
• General purpose IO
• Horn driver with clamp diodes
• SPI interface
Applications
• Photoelectric smoke detectors




Similar Part No. - RAA239101

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
Photoelectric Smoke Detector AFE IC
Jun 27, 2022
RAA239101A2GNPHA0 RENESAS-RAA239101A2GNPHA0 Datasheet
258Kb / 4P
Photoelectric Smoke Detector AFE IC
Jun 27, 2022
More results


Similar Description - RAA239101

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC146010 FREESCALE-MC146010 Datasheet
1Mb / 18P
LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
MC146012 FREESCALE-MC146012 Datasheet
1Mb / 18P
LOW POWER CMOS PHOTOELECTRIC SMOKE DETECTOR IC
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
Photoelectric Smoke Detector IC with I/O
MC146010 FREESCALE-MC146010_07 Datasheet
390Kb / 18P
Low Power CMOS Photoelectric Smoke Detector IC
MC146012 FREESCALE-MC146012_07 Datasheet
356Kb / 18P
Low Power CMOS Photoelectric Smoke Detector IC
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
Photoelectric smoke detector
logo
Texas Instruments
TPS8804 TI1-TPS8804_V01 Datasheet
2Mb / 57P
TPS8804 Smoke Detector AFE
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
Photoelectric Smoke Detector AFE IC
Jun 27, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com