Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL68201 Datasheet (PDF) - Renesas Technology Corp

ISL68201 Datasheet PDF - Renesas Technology Corp
Part # ISL68201
Download  ISL68201 Download
File Size   1711.81 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C, and PFM

ISL68201 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL68201 Datasheet PDF - Renesas Technology Corp

Part # ISL68201
Download  ISL68201 Click to download

File Size   1711.81 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C, and PFM

ISL68201 Datasheet (HTML) - Renesas Technology Corp


ISL68201 Product details

• Proprietary Renesas R4 Technology
- Linear control loop for optimal transient response
- Variable frequency and duty cycle control during load
transient for fastest possible response
- Inherent voltage feed-forward for wide range input
• Input voltage range: 4.5V to 24V
• Output voltage range: 0.5V to 5.5V
• ±0.5% DAC accuracy with remote sense
• Supports all ceramic solutions
• Integrated LDOs for single input rail solution
• SMBus/PMBus/I2C compatible, up to 1.25MHz
• 256 boot-up voltage levels with a configuration pin
• Eight switching frequency options from 300kHz to 1.5MHz
• PFM operation option for improved light-load efficiency
• Startup into precharged load
• Precision enable input to set higher input UVLO and power
sequence as well as fault reset
• Power-good monitor for soft-start and fault detection
• Comprehensive fault protection for high system reliability
- Over-temperature protection
- Output overcurrent and short-circuit protection
- Output overvoltage and undervoltage protection
- Open remote sense protection
- Integrated high-side gate-to-source resistor to prevent self
turn-on due to high input bus dV/dt
• Integrated power MOSFETs 4A drivers with adaptive
shoot-through protection and bootstrap function
• Compatible with Renesas PowerNavigator™ software




Similar Part No. - ISL68201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68201 INTERSIL-ISL68201 Datasheet
770Kb / 32P
Single-Phase R4 Digital Hybrid PWM Controller
March 7, 2016
ISL68201 INTERSIL-ISL68201 Datasheet
755Kb / 32P
Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C and PFM
March 7, 2016
logo
Renesas Technology Corp
ISL68201 RENESAS-ISL68201 Datasheet
1Mb / 32P
Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
ISL68201 RENESAS-ISL68201 Datasheet
1Mb / 33P
Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I 2C and PFM
Feb 16, 2023
logo
Intersil Corporation
ISL68201-99125DEMO1Z INTERSIL-ISL68201-99125DEMO1Z Datasheet
520Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
More results


Similar Description - ISL68201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8601 INTERSIL-ISL8601 Datasheet
99Kb / 4P
Single-Phase, PMBus-Enabled PWM Controller with Integrated FET Drivers
March 23, 2007
ISL68201 INTERSIL-ISL68201 Datasheet
770Kb / 32P
Single-Phase R4 Digital Hybrid PWM Controller
March 7, 2016
ISL78229 INTERSIL-ISL78229 Datasheet
1Mb / 71P
2-Phase Boost Controller with Drivers and I2C/PMBus
February 12, 2016
ISL68200 INTERSIL-ISL68200 Datasheet
755Kb / 32P
Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C and PFM
March 7, 2016
logo
Renesas Technology Corp
ISL68201 RENESAS-ISL68201 Datasheet
1Mb / 32P
Single-Phase R4 Digital Hybrid PWM Controller with PMBus/SMBus/I2C and PFM
ISL68200 RENESAS-ISL68200 Datasheet
1Mb / 32P
Single-Phase R4 Digital Hybrid PWM Controller with Integrated Driver, PMBus/SMBus/I2C, and PFM
ISL6367 RENESAS-ISL6367 Datasheet
165Kb / 2P
Green Hybrid Digital Dual 61 Phase PWM Controller for VR12/IMVP7 Applications With SMBus/PMBus/I2C and AUTO Phase
ISL6369 RENESAS-ISL6369 Datasheet
164Kb / 2P
Green Hybrid Digital Dual Enable 61 Phase PWM Controller With SMBus/PMBus/I2C and AUTO Phase
logo
Analog Devices
DC1613A AD-DC1613A Datasheet
309Kb / 8P
I2C/SMBUS/PMBUS Controller
logo
Richtek Technology Corp...
RTQ8826 RICHTEK-RTQ8826 Datasheet
3Mb / 78P
Single Rail 6-Phase PWM Controller with PMBus
September 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com