Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78235 Datasheet (PDF) - Renesas Technology Corp

ISL78235 Datasheet PDF - Renesas Technology Corp
Part # ISL78235
Download  ISL78235 Download
File Size   2563.29 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5A Automotive Synchronous Buck Regulator

ISL78235 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78235 Datasheet PDF - Renesas Technology Corp

Part # ISL78235
Download  ISL78235 Click to download

File Size   2563.29 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5A Automotive Synchronous Buck Regulator

ISL78235 Datasheet (HTML) - Renesas Technology Corp


ISL78235 Product details

• 2.7V to 5.5V input voltage range
• 2MHz default switching frequency
• 100ns guaranteed phase minimum on time for wide output
regulation
• Adjustable switching frequency from 500kHz to 4MHz
• External synchronization from 1MHz to 4MHz
• Optional PFM mode for light-load efficiency improvement
• Very low ON-resistance HS/LS switches: 35mΩ/11mΩ
• Internal 1ms or adjustable external soft-start
• Soft-stop output discharge during disable
• OTP, OCP, output OVP, and input UVLO protections
• 1% reference accuracy over-temperature
• Up to 95% efficiency
• AEC-Q100 qualified
• Common pinout family allows migration from 3A to 5A
without PCB change:
- ISL78233 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A
- ISL78234 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4A
- ISL78235 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5A




Similar Part No. - ISL78235

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78235 INTERSIL-ISL78235 Datasheet
1Mb / 20P
Automotive 5A Synchronous Buck Regulator
January 21, 2016
logo
Renesas Technology Corp
ISL78235 RENESAS-ISL78235 Datasheet
2Mb / 23P
5A Automotive Synchronous Buck Regulator
ISL78235 RENESAS-ISL78235 Datasheet
2Mb / 21P
Automotive 5A Synchronous Buck Regulator
logo
Intersil Corporation
ISL78235 INTERSIL-ISL78235 Datasheet
1Mb / 20P
5A Automotive Synchronous Buck Regulator
July 1, 2015
logo
Renesas Technology Corp
ISL78235AARZ RENESAS-ISL78235AARZ Datasheet
2Mb / 23P
5A Automotive Synchronous Buck Regulator
More results


Similar Description - ISL78235

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX9415 MICROSEMI-NX9415 Datasheet
582Kb / 12P
5A SYNCHRONOUS BUCK SWITCHING REGULATOR
logo
Alpha & Omega Semicondu...
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
EZBuck??5A Synchronous Buck Regulator
logo
Intersil Corporation
ISL78235ARZ INTERSIL-ISL78235ARZ Datasheet
1Mb / 20P
5A Automotive Synchronous Buck Regulator
July 1, 2015
ISL78235R5668 INTERSIL-ISL78235R5668 Datasheet
1Mb / 20P
Automotive 5A Synchronous Buck Regulator
January 21, 2016
logo
Alpha & Omega Semicondu...
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78235 RENESAS-ISL78235 Datasheet
2Mb / 23P
5A Automotive Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
EZBuckTM 5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78235R5668 RENESAS-ISL78235R5668 Datasheet
2Mb / 21P
Automotive 5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com