Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL81802 Datasheet (PDF) - Renesas Technology Corp

ISL81802 Datasheet PDF - Renesas Technology Corp
Part # ISL81802
Download  ISL81802 Download
File Size   2682.52 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V Dual Synchronous Buck Controller

ISL81802 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL81802 Datasheet PDF - Renesas Technology Corp

Part # ISL81802
Download  ISL81802 Click to download

File Size   2682.52 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 80V Dual Synchronous Buck Controller

ISL81802 Datasheet (HTML) - Renesas Technology Corp


ISL81802 Product details

• Wide input voltage range: 4.5V to 80V
• Wide output voltage range: 0.8V to 76V
• Four MOSFET drivers with adaptive shoot-through
protection
• Constant output voltage and output current
feedback loop control
• Light-load efficiency enhancement
○ Low ripple diode emulation and burst mode
operation
• Programmable soft-start
• Supports startup into pre-biased rails
• Programmable frequency: 100kHz to 1MHz
• Supports current sharing with cascade phase
interleaving
• External clock sync
• Clock out with accurate phase angle controlled by
PLL or frequency dithering
• PGOOD indicator
• Output current monitor
• Selectable mode between PWM/DE/Burst
• Accurate EN/UVLO threshold: ±2%
• Low shut down current: 5μA
• Complete protection: OCP (pulse by pulse and
optional hiccup or constant current mode), OVP,
OTP, and UVP




Similar Part No. - ISL81802

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL81802 RENESAS-ISL81802 Datasheet
1Mb / 45P
80V Dual Synchronous Buck Controller
Oct.15.20
ISL81802EVAL1Z RENESAS-ISL81802EVAL1Z Datasheet
1Mb / 45P
80V Dual Synchronous Buck Controller
Oct.15.20
ISL81802EVAL2Z RENESAS-ISL81802EVAL2Z Datasheet
1Mb / 45P
80V Dual Synchronous Buck Controller
Oct.15.20
ISL81802EVAL3Z RENESAS-ISL81802EVAL3Z Datasheet
1Mb / 45P
80V Dual Synchronous Buck Controller
Oct.15.20
ISL81802FRTZ-T RENESAS-ISL81802FRTZ-T Datasheet
1Mb / 45P
80V Dual Synchronous Buck Controller
Oct.15.20
More results


Similar Description - ISL81802

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
NCP5425 ONSEMI-NCP5425_06 Datasheet
173Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Semtech Corporation
SC415 SEMTECH-SC415 Datasheet
927Kb / 30P
Dual Synchronous Buck Controller
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
NCP5425 ONSEMI-NCP5425_09 Datasheet
172Kb / 22P
Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
logo
Renesas Technology Corp
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
ISL81802 RENESAS-ISL81802 Datasheet
1Mb / 45P
80V Dual Synchronous Buck Controller
Oct.15.20
ISL81805 RENESAS-ISL81805 Datasheet
1Mb / 45P
80V Dual Synchronous Boost Controller
Feb 11, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com