Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G66 Datasheet (PDF) - STMicroelectronics

74V1G66 Datasheet PDF - STMicroelectronics
Part # 74V1G66
Download  74V1G66 Download
File Size   67.82 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE BILATERAL SWITCH

74V1G66 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1G66 Datasheet PDF - STMicroelectronics

Part # 74V1G66
Download  74V1G66 Click to download

File Size   67.82 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE BILATERAL SWITCH

74V1G66 Datasheet (HTML) - STMicroelectronics


74V1G66 Product details

Description
The 74V1G66 is an advanced high-speed CMOS single bilateral switch fabricated in silicon gate C2MOS technology. It achieves high speed propagation delay and very low ON resistances while maintaining true CMOS low power consumption. This bilateral switch handles rail to rail analog and digital signals that may vary across the full power supply range (from GND to VCC).

Features
■ High speed:
    tPD = 0.3 ns (typ.) at VCC = 5 V
    tPD = 0.4 ns (typ.) at VCC = 3.3 V
■ Low power dissipation: ICC = 1 μA (max.) at TA = 25 °C
■ Low "ON" resistance:
    RON = 6.5 Ω (typ.) at VCC = 5 V II/O = 1 mA
    RON = 8.5 Ω (typ.) at VCC = 3.3 V II/O = 1 mA
■ Sine wave distortion: 0.04% at VCC = 3.3 V f = 1 kHz
■ Wide operating range: VCC (opr) = 2 V to 5.5 V
■ Improved latch-up immunity




Similar Part No. - 74V1G66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G66 STMICROELECTRONICS-74V1G66 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74V1G66 STMICROELECTRONICS-74V1G66 Datasheet
359Kb / 15P
Single bilateral switch
28-Oct-2008
74V1G66CTR STMICROELECTRONICS-74V1G66CTR Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74V1G66CTR STMICROELECTRONICS-74V1G66CTR Datasheet
359Kb / 15P
Single bilateral switch
28-Oct-2008
74V1G66STR STMICROELECTRONICS-74V1G66STR Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
More results


Similar Description - 74V1G66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74H1G66 STMICROELECTRONICS-74H1G66 Datasheet
61Kb / 8P
SINGLE BILATERAL SWITCH
Feb-2000
74V1T66 STMICROELECTRONICS-74V1T66 Datasheet
66Kb / 9P
SINGLE BILATERAL SWITCH
Feb-2000
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66 Datasheet
296Kb / 10P
SINGLE BILATERAL ANALOG SWITCH
logo
STMicroelectronics
74V1G66 STMICROELECTRONICS-74V1G66_04 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74H1G66 STMICROELECTRONICS-74H1G66_01 Datasheet
202Kb / 10P
SINGLE BILATERAL SWITCH
Jul-2001
74V1T66 STMICROELECTRONICS-74V1T66_04 Datasheet
138Kb / 11P
SINGLE BILATERAL SWITCH
Apr-2004
74V1G66 STMICROELECTRONICS-74V1G66_08 Datasheet
359Kb / 15P
Single bilateral switch
28-Oct-2008
logo
Texas Instruments
SN74AUC1G66 TI-SN74AUC1G66_09 Datasheet
532Kb / 17P
SINGLE BILATERAL ANALOG SWITCH
SN74LVC1G66 TI-SN74LVC1G66_09 Datasheet
688Kb / 20P
SINGLE BILATERAL ANALOG SWITCH
1P1G66QDBVRQ1 TI-1P1G66QDBVRQ1 Datasheet
905Kb / 19P
SINGLE BILATERAL ANALOG SWITCH
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com