Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G66 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V1G66
Description  SINGLE BILATERAL SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G66 Datasheet(HTML) 4 Page - STMicroelectronics

  74V1G66 Datasheet HTML 1Page - STMicroelectronics 74V1G66 Datasheet HTML 2Page - STMicroelectronics 74V1G66 Datasheet HTML 3Page - STMicroelectronics 74V1G66 Datasheet HTML 4Page - STMicroelectronics 74V1G66 Datasheet HTML 5Page - STMicroelectronics 74V1G66 Datasheet HTML 6Page - STMicroelectronics 74V1G66 Datasheet HTML 7Page - STMicroelectronics 74V1G66 Datasheet HTML 8Page - STMicroelectronics 74V1G66 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ANALOG SWITCH CHARACTERISTICS (GND = 0 V, TA =25
oC)
Symb ol
Parameter
Test Co ndi ti on
Val ue
Un it
VCC
(V)
VIN
(Vp-p)
Sine Wave Distortion
(THD)
3.3
2.75
fIN = 1 KHz
RL = 10K
Ω
CL = 50 pF
0.04
%
5.0
(*)
4
0.04
fMAX
Frequency Response
(Switch ON)
3.3
Adjust fIN voltage to Obtain 0dBm at VOS.
Increase fIN Frequency until dB Meter reads -3dB
RL =50
Ω, CL = 10pF
150
MHz
5.0
(*)
180
Feedthrough
Attenuation
(Switch OFF)
3.3
VIN is centered at VCC/2.
Adjust fIN voltage to obtain 0dBm at VIS
RL = 600
Ω,CL = 50pF, fIN = 1MHz sine wave
-60
dB
5.0
(*)
-60
Crosstalk (Control
Input to Signal Output)
3.3
RL = 600
Ω,CL = 50pF, fIN = 1MHz square wave
tr =tf =6 ns
60
mV
5.0
(*)
60
(*) Voltage range is 5V
± 0.5V
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPD
Delay Time
3.3
(*)
tr =tf =6 ns
0.4
0.8
1.2
ns
5.0
(**)
0.3
0.6
1.0
tPZL
tPZH
Output Enable Time
3.3
(*)
RL =1k
Ω
2.5
4.0
5.0
ns
5.0
(**)
2.0
4.0
5.0
tPLZ
tPHZ
Output Disable Time
3.3
(*)
RL =500
Ω
5.0
7.5
9.0
ns
5.0
(**)
5.0
7.5
9.0
CIN
Input Capacitance
5
pF
CI/O
Switch Terminal
Capacitance
10
pF
CPD
Power Dissipation
Capacitance (note 1)
3.3
2.5
pF
5.0
3
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC (switch).
(*) Voltage range is 3.3V
± 0.3V
(**) Voltagerange is 5V
± 0.5V
74V1G66
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com