Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8548 Datasheet (PDF) - PLX Technology

PEX8548 Datasheet PDF - PLX Technology
Part # PEX8548
Download  PEX8548 Download
File Size   249.4 Kbytes
Page   4 Pages
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology
Description High-Performance 48-lane, 9-port PCIe Switch

PEX8548 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEX8548 Datasheet PDF - PLX Technology

Part # PEX8548
Download  PEX8548 Click to download

File Size   249.4 Kbytes
Page   4 Pages
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology
Description High-Performance 48-lane, 9-port PCIe Switch

PEX8548 Datasheet (HTML) - PLX Technology


PEX8548 Product details

Features
PEX 8548 General Features
o 48-lane PCI Express switch
- Integrated SerDes
o Up to nine configurable ports (x1, x2, x4, x8, x16)
o 37.5mm x 37.5mm, 736-ball PBGA package
o Typical Power: 4.9 Watts

PEX 8548 Key Features
o Standard Compliant
- PCI Express Base Specification, r1.1
o High Performance
- Non-blocking switch fabric
- Full line rate on all ports
- Packet Cut-Thru with 110ns max packet latency (x16 to x16)
o Flexible Configuration
- Nine highly flexible & configurable ports (x1, x2, x4, x8, or x16)
- Configurable with strapping pins, EEPROM, I2C, or Host software
- Lane and polarity reversal
o PCI Express Power Management
- Link power management states: L0, L0s, L1, L2/L3 Ready, and L3
- Device states: D0 and D3hot
o Quality of Service (QoS)
- One Virtual Channel per port
- Eight Traffic Classes per port
- Weighted Round-Robin Ingress Port Arbitration
o Reliability, Availability, Serviceability
- 3 Standard Hot-Plug Controllers
- Upstream port as hot-plug client
- Transaction Layer end-to-end CRC
- Poison bit
- INTA# interrupt signal
- Fatal Error (FATAL_ERR#) signal (legacy SERR equivalent)
- PCIe baseline error reporting
- Advanced Error Reporting
- Port Status bits and GPO available
- Per port error diagnostics
• Bad DLLPs
• Bad TLPs
• CRC errors
- JTAG boundary scan




Similar Part No. - PEX8548

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8548 PLX-PEX8548 Datasheet
313Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8548 AVAGO-PEX8548 Datasheet
249Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
logo
PLX Technology
PEX8548-AA25BI PLX-PEX8548-AA25BI Datasheet
313Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
PEX8548-AA25BIG PLX-PEX8548-AA25BIG Datasheet
313Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
PEX8548-AARDK PLX-PEX8548-AARDK Datasheet
313Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
More results


Similar Description - PEX8548

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8525 PLX-PEX8525 Datasheet
277Kb / 4P
High-Performance 24-lane, 5-port PCIe Switch
PEX8548 PLX-PEX8548 Datasheet
313Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
PEX8648 PLX-PEX8648 Datasheet
230Kb / 4P
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8548 AVAGO-PEX8548 Datasheet
249Kb / 4P
High-Performance 48-lane, 9-port PCIe Switch
PEX8648 AVAGO-PEX8648 Datasheet
254Kb / 4P
PCIe Gen2, 5.0GT/s 48-lane, 12-port PCIe Switch
logo
PLX Technology
PEX8714 PLX-PEX8714 Datasheet
375Kb / 4P
12-lane, 5-port PCIe Gen3 switch
PEX8718 PLX-PEX8718 Datasheet
348Kb / 4P
16-lane, 5-port PCIe Gen3 switch
logo
Renesas Technology Corp
89HPES48H12G2 RENESAS-89HPES48H12G2 Datasheet
551Kb / 45P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES48H12AG2 RENESAS-89HPES48H12AG2 Datasheet
656Kb / 60P
48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
December 12, 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com