Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8548 Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8548
Description  High-Performance 48-lane, 9-port PCIe Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8548 Datasheet(HTML) 2 Page - PLX Technology

  PEX8548 Datasheet HTML 1Page - PLX Technology PEX8548 Datasheet HTML 2Page - PLX Technology PEX8548 Datasheet HTML 3Page - PLX Technology PEX8548 Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Power with Granular SerDes Control
The PEX 8548 provides low power capability that is
fully compliant with the PCI Express power
management specification. In addition, the SerDes
physical links can be turned off when unused for even
lower power.
Flexible Port Width Configuration
The width of each port can be individually configured
through auto-negotiation, hardware strapping, host
software configuration, I
2C interface, or through an
optional EEPROM.
The PEX 8548 supports a large number of port
configurations (see Figure 1). For example, if you are
using the PEX 8548 in a fan-out application, you may
configure the upstream port as a x16 and the
downstream as eight x4 ports; three x8 ports & two x4
ports; or various combinations, as long as you don’t run
out of lanes (48) or ports (9). For a dual-graphics
application, the device can be configured as three x16
ports.
PEX 8548
PEX 8548
PEX 8548
PEX 8548
x16
PEX 8548
PEX 8548
PEX 8548
PEX 8548
x16
PEX 8548
PEX 8548
PEX 8548
PEX 8548
x16
x16
x16
x8
x4 x4
x8
x8
PEX 8548
PEX 8548
PEX 8548
PEX 8548
x8
all x8
x8
x4 x4
x4
x8
x4
Figure 1. Common Port Configurations
Low Packet Latency
The PEX 8548 supports packet cut-thru with a
maximum packet latency of 110ns between symmetric
x16 ingress and egress ports. The low latency enables
applications to achieve high throughput and
performance. In addition to low latency, the device
supports a packet payload size of up to 1024 bytes,
enabling the user to achieve even higher throughput.
Hot Plug for High Availability
Hot plug capability allows users to replace hardware
modules and perform maintenance without powering
down the system. The PEX 8548 hot plug capability and
advanced error reporting features make it suitable for
High Availability (HA) applications. Three
downstream ports include a Standard Hot Plug
Controller. If the PEX 8548 is used in an application
where one or more of its downstream ports connect to
PCI Express slots, each port’s Hot Plug Controller can
be used to manage the hot-plug event of its associated
slot. Furthermore, its upstream port is a hot-plug client,
allowing it to be used on hot-pluggable adapter cards,
backplanes, and fabric modules.
Fully Compliant Power Management
For applications that require power management, the
PEX 8548 device supports both link (L0, L0s, L1, L2/L3
Ready, and L3) and device (D0 and D3hot) power
management states, in compliance with the PCI Express
power management specification.
SerDes Power and Signal Management
The PEX 8548 supports software control of the SerDes
outputs to allow optimization of power and signal
strength in a system. The PLX SerDes implementation
supports four levels of power – off, low, typical, and
high. The SerDes block also supports loop-back modes
and advanced reporting of error conditions, which
enables efficient debug and management of the entire
system.
Applications
Suitable for host-centric as well as peer-to-peer traffic
patterns, the PEX 8548 can be configured for a wide
variety of form factors and applications.
Host Centric Fan-out
The PEX 8548, with its symmetric or asymmetric lane
configuration capability, allows user-specific tuning to a
variety of host-centric applications.
CPU
CPU
CPU
CPU
PEX 8548
PEX 8548
PEX 8548
PEX 8548
Chip Set
Chip Set
Chip Set
Chip Set
End
Point
End
Point
End
Point
End
Point
x8 or x16
x4
Memory
Memory
Memory
Memory
x8
x8
Figure 2. Fan-in/out Usage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com