Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1T02 Datasheet (PDF) - STMicroelectronics

74V1T02 Datasheet PDF - STMicroelectronics
Part # 74V1T02
Download  74V1T02 Download
File Size   48.43 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE 2-INPUT NOR GATE

74V1T02 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1T02 Datasheet PDF - STMicroelectronics

Part # 74V1T02
Download  74V1T02 Click to download

File Size   48.43 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE 2-INPUT NOR GATE

74V1T02 Datasheet (HTML) - STMicroelectronics


74V1T02 Product details

DESCRIPTION
The 74V1T02 is an advanced high-speed CMOS SINGLE 2-INPUT NOR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output.
Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V.

■ HIGH SPEED: tPD = 5.1ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 1µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS: VIH = 2V (MIN), VIL = 0.8V (MAX)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8mA (MIN) at VCC = 4.5V
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 4.5V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74V1T02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T02 STMICROELECTRONICS-74V1T02 Datasheet
108Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
74V1T02CTR STMICROELECTRONICS-74V1T02CTR Datasheet
108Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
74V1T02STR STMICROELECTRONICS-74V1T02STR Datasheet
108Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
74V1T02 STMICROELECTRONICS-74V1T02_04 Datasheet
108Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
More results


Similar Description - 74V1T02

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
Single 2-input NOR gate
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
SINGLE 2-INPUT NOR GATE
Oct-2002
74V1G02 STMICROELECTRONICS-74V1G02_04 Datasheet
110Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
logo
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
SINGLE 2-INPUT NOR GATE
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
Single 2-Input NOR Gate
November, 2014 ??Rev. 6
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
Single 2-Input NOR Gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
Single 2-Input NOR Gate
November, 2018 ??Rev. 10
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
Single 2-input NOR gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
Single 2-Input NOR Gate
March, 2022?뭃ev. 12
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
Single 2-Input NOR Gate
March, 2022 ??Rev. 22
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com