Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1T02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1T02
Description  SINGLE 2-INPUT NOR GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T02 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1T02 Datasheet HTML 1Page - STMicroelectronics 74V1T02 Datasheet HTML 2Page - STMicroelectronics 74V1T02 Datasheet HTML 3Page - STMicroelectronics 74V1T02 Datasheet HTML 4Page - STMicroelectronics 74V1T02 Datasheet HTML 5Page - STMicroelectronics 74V1T02 Datasheet HTML 6Page - STMicroelectronics 74V1T02 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74V1T02
SINGLE 2-INPUT NOR GATE
October 1999
s
HIGH SPEED: tPD = 3.5 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL = 0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUTS &
OUTPUT
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1T02 is an advanced high-speed CMOS
SINGLE 2-INPUT NOR GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C
2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
PIN CONNECTION AND IEC LOGIC SYMBOLS
®
ORDER CODE:
74V1T02S
74V1T02C
S
(SOT23-5L)
C
(SC-70)
1/7


Similar Part No. - 74V1T02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T02 STMICROELECTRONICS-74V1T02 Datasheet
108Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
74V1T02CTR STMICROELECTRONICS-74V1T02CTR Datasheet
108Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
74V1T02STR STMICROELECTRONICS-74V1T02STR Datasheet
108Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
74V1T02 STMICROELECTRONICS-74V1T02_04 Datasheet
108Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
More results

Similar Description - 74V1T02

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
Single 2-input NOR gate
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
SINGLE 2-INPUT NOR GATE
Oct-2002
74V1G02 STMICROELECTRONICS-74V1G02_04 Datasheet
110Kb / 9P
SINGLE 2-INPUT NOR GATE
Apr-2004
logo
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
SINGLE 2-INPUT NOR GATE
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
Single 2-Input NOR Gate
November, 2014 ??Rev. 6
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
Single 2-Input NOR Gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
Single 2-Input NOR Gate
November, 2018 ??Rev. 10
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
Single 2-input NOR gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
Single 2-Input NOR Gate
March, 2022?뭃ev. 12
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
Single 2-Input NOR Gate
March, 2022 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com