Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDL3141 Datasheet (PDF) - ON Semiconductor

ESDL3141 Datasheet PDF - ON Semiconductor
Part # ESDL3141
Download  ESDL3141 Download
File Size   321.16 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD and Surge Protection Device, Bidirectional

ESDL3141 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDL3141 Datasheet PDF - ON Semiconductor

Part # ESDL3141
Download  ESDL3141 Click to download

File Size   321.16 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD and Surge Protection Device, Bidirectional

ESDL3141 Datasheet (HTML) - ON Semiconductor


ESDL3141 Product details

Features
 Low Capacitance 1.4 pF (Typ)
 Low Clamping Voltage
 Small Body Outline Dimensions: 1.00 mm x 0.60 mm
 Low Body Height: 0.23 mm
 Stand−off Voltage: 14 V
 Protection for the following IEC Standards:
IEC61000−4−2 Level 4: 30 kV Contact Discharge
IEC61000−4−5 (Lightning): IPP 10 A (8/20 s)
 These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
 USB 2.0
 USB Type C Alternate Audio Mode




Similar Part No. - ESDL3141

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDL3552B ONSEMI-ESDL3552B Datasheet
295Kb / 6P
Ultra-Low Capacitance ESD Protection Diodes
April, 2022 - Rev. 1
ESDL3552BPFCT5G ONSEMI-ESDL3552BPFCT5G Datasheet
295Kb / 6P
Ultra-Low Capacitance ESD Protection Diodes
April, 2022 - Rev. 1
logo
TECH PUBLIC Electronics...
ESDL3552PFCT5G TECHPUBLIC-ESDL3552PFCT5G Datasheet
1Mb / 4P
Ultra-Low Capacitance ESD Protection Diodes
More results


Similar Description - ESDL3141

ManufacturerPart #DatasheetDescription
logo
StarHope
SPE06SB SPSEMI-SPE06SB Datasheet
775Kb / 2P
Surge & ESD Protection Device
SPE06RB SPSEMI-SPE06RB Datasheet
852Kb / 2P
Surge & ESD Protection Device
SPE06RA SPSEMI-SPE06RA Datasheet
885Kb / 2P
Surge & ESD Protection Device
logo
ON Semiconductor
NSPM2051 ONSEMI-NSPM2051 Datasheet
99Kb / 6P
ESD & Surge Protection Device
March, 2017 ??Rev. 3
ESDL4151 ONSEMI-ESDL4151 Datasheet
339Kb / 7P
ESD and Surge Protection Device, Bidirectional, 15 V Micro?뭁ackaged Diodes for ESD Protection
September, 2019 ??Rev. 0
NSP2201MR6 ONSEMI-NSP2201MR6 Datasheet
267Kb / 8P
ESD and Surge Protection Device
July, 2019 ??Rev. 0
NSPM3031 ONSEMI-NSPM3031 Datasheet
299Kb / 8P
3.3V Bidirectional ESD and Surge Protection Device
September, 2018 ??Rev. 1
NSPM3042 ONSEMI-NSPM3042 Datasheet
306Kb / 8P
4.8 V Bidirectional ESD and Surge Protection Device
September, 2018 ??Rev. 2
NSPM2052 ONSEMI-NSPM2052 Datasheet
373Kb / 8P
ESD and Surge Protection Device
September, 2021 ??Rev. 3
NSPM3041 ONSEMI-NSPM3041 Datasheet
396Kb / 8P
4.8V Bidirectional ESD and Surge Protection Device
October, 2020 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com