Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA211820 Datasheet (PDF) - Renesas Technology Corp

RAA211820 Datasheet PDF - Renesas Technology Corp
Part # RAA211820
Download  RAA211820 Download
File Size   2951.3 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5V to 75V, 2A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency

RAA211820 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA211820 Datasheet PDF - Renesas Technology Corp

Part # RAA211820
Download  RAA211820 Click to download

File Size   2951.3 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5V to 75V, 2A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency

RAA211820 Datasheet (HTML) - Renesas Technology Corp


RAA211820 Product details

▪ Wide input voltage range: 4.5V to 75V
▪ Adjustable output voltage: 0.8V to 90% of VIN
▪ Up to 2A of continuous output current
▪ Default 400kHz switching frequency and
programmable switching frequency range from
200kHz to 800kHz
▪ ±1% Load regulation accuracy from -40°C to
125°C, ±0.5% Load regulation accuracy at 25°C
▪ 95μA typical quiescent current
▪ Internal compensation
▪ Internal 0.5ms soft-start in QFN
▪ External programmable soft-start (HTSSOP)
▪ PFM operation and DEM at light load
▪ Integrated external bias LDO
▪ Power good indicator
▪ Integrated MOSFET rDS(ON) (typical):
155mΩ/80mΩ (QFN); 200mΩ/95mΩ (TSSOP)
▪ Cycle-by-cycle peak and valley current limit
▪ Input voltage UVLO and output voltage
undervoltage (short-circuit) protection
▪ Thermal Shutdown
▪ Available in 20 Ld QFN 4mm × 3.5mm and 16 Ld
HTSSOP packages




Similar Part No. - RAA211820

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA211820 RENESAS-RAA211820 Datasheet
2Mb / 24P
4.5V to 75V, 2A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency
Oct 12, 2022
More results


Similar Description - RAA211820

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17536 MAXIM-MAX17536 Datasheet
877Kb / 19P
4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 2; 6/18
MAX17575 MAXIM-MAX17575 Datasheet
1Mb / 16P
4.5V–60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 3; 12/19
MAX17576 MAXIM-MAX17576 Datasheet
1Mb / 22P
4.5V to 60V, 4A, High-Efficiency Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 1; 9/20
MAX17545 MAXIM-MAX17545_V01 Datasheet
1Mb / 21P
4.5V??2V, 1.7A, High-Efficiency, Synchronous Step-Down DC-DC Converter With Internal Compensation
2016
MAX17574 MAXIM-MAX17574_V01 Datasheet
1Mb / 21P
4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
logo
Renesas Technology Corp
RAA211250 RENESAS-RAA211250 Datasheet
3Mb / 24P
4.5V to 30V, 5A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency
Oct 12, 2022
RAA211450 RENESAS-RAA211450 Datasheet
3Mb / 24P
4.5V to 42V, 5A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency
Oct 12, 2022
RAA211630 RENESAS-RAA211630 Datasheet
2Mb / 26P
4.5V to 60V, 3A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Programmable Frequency
Oct 12, 2022
RAA211820 RENESAS-RAA211820 Datasheet
2Mb / 24P
4.5V to 75V, 2A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency
Oct 12, 2022
RAA211835 RENESAS-RAA211835 Datasheet
3Mb / 23P
4.5V to 75V, 3A, DC/DC Nonsynchronous Step-Down Regulator with Internal Compensation and Adjustable Frequency
Mar 13, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com