Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA211450 Datasheet (PDF) - Renesas Technology Corp

RAA211450 Datasheet PDF - Renesas Technology Corp
Part # RAA211450
Download  RAA211450 Download
File Size   3248.83 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5V to 42V, 5A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency

RAA211450 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA211450 Datasheet PDF - Renesas Technology Corp

Part # RAA211450
Download  RAA211450 Click to download

File Size   3248.83 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4.5V to 42V, 5A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency

RAA211450 Datasheet (HTML) - Renesas Technology Corp


RAA211450 Product details

Features
▪ Wide input voltage range: 4.5V to 42V
▪ Adjustable output voltage: 0.8V to 90% of VIN
(limited by minimum off time)
▪ Up to 5A of continuous output current
▪ Default 400kHz switching frequency and
programmable switching frequency range from
200kHz to 800kHz
▪ ±1% Load regulation accuracy from -40°C to
125°C, ±0.5% Load regulation accuracy at 25°C
▪ 95µA typical quiescent current
▪ Internal compensation
▪ Internal 0.5ms soft-start in QFN
▪ External programmable soft-start (HTSSOP)
▪ PFM operation and DEM at light load
▪ Integrated external bias LDO
▪ Power-good indicator
▪ Integrated MOSFET rDS(ON) (typical): 70mΩ/25mΩ
(QFN); 115mΩ/40mΩ (TSSOP)
▪ Cycle-by-cycle peak and valley current limit
▪ Input voltage UVLO and output voltage
undervoltage (short-circuit) protection
▪ Thermal Shutdown
▪ Available in 20 Ld QFN 4mm × 3.5mm and 16 Ld
HTSSOP packages




Similar Part No. - RAA211450

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA211403 RENESAS-RAA211403 Datasheet
4Mb / 26P
40V, 300mA, 4μA IQ DC/DC Step-Down Regulator
Dec 1, 2023
RAA2114034GP3#JA0 RENESAS-RAA2114034GP3#JA0 Datasheet
4Mb / 26P
40V, 300mA, 4μA IQ DC/DC Step-Down Regulator
Dec 1, 2023
RAA2114054GP3#JA0 RENESAS-RAA2114054GP3#JA0 Datasheet
4Mb / 26P
40V, 300mA, 4μA IQ DC/DC Step-Down Regulator
Dec 1, 2023
RAA211412 RENESAS-RAA211412 Datasheet
1Mb / 17P
45V 1A 630kHz DC/DC Step-Down Regulator
Jun 24, 2022
More results


Similar Description - RAA211450

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17546 MAXIM-MAX17546 Datasheet
819Kb / 19P
4.5V–42V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 0; 6/15
MAX17536 MAXIM-MAX17536 Datasheet
877Kb / 19P
4.5V to 60V, 4A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 2; 6/18
MAX17575 MAXIM-MAX17575 Datasheet
1Mb / 16P
4.5V–60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 3; 12/19
MAX17576 MAXIM-MAX17576 Datasheet
1Mb / 22P
4.5V to 60V, 4A, High-Efficiency Synchronous Step-Down DC-DC Converter with Internal Compensation
Rev 1; 9/20
MAX17574 MAXIM-MAX17574_V01 Datasheet
1Mb / 21P
4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
MAX17506 MAXIM-MAX17506_V01 Datasheet
739Kb / 20P
4.5V??0V, 5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
logo
Renesas Technology Corp
RAA211250 RENESAS-RAA211250 Datasheet
3Mb / 24P
4.5V to 30V, 5A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency
Oct 12, 2022
RAA211630 RENESAS-RAA211630 Datasheet
2Mb / 26P
4.5V to 60V, 3A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Programmable Frequency
Oct 12, 2022
RAA211820 RENESAS-RAA211820 Datasheet
2Mb / 24P
4.5V to 75V, 2A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency
Oct 12, 2022
RAA211835 RENESAS-RAA211835 Datasheet
3Mb / 23P
4.5V to 75V, 3A, DC/DC Nonsynchronous Step-Down Regulator with Internal Compensation and Adjustable Frequency
Mar 13, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com