Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA211412 Datasheet (PDF) - Renesas Technology Corp

RAA211412 Datasheet PDF - Renesas Technology Corp
Part # RAA211412
Download  RAA211412 Download
File Size   1723.48 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 45V 1A 630kHz DC/DC Step-Down Regulator

RAA211412 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA211412 Datasheet PDF - Renesas Technology Corp

Part # RAA211412
Download  RAA211412 Click to download

File Size   1723.48 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 45V 1A 630kHz DC/DC Step-Down Regulator

RAA211412 Datasheet (HTML) - Renesas Technology Corp


RAA211412 Product details

Features
▪ Wide input voltage range: 5.8V to 45V
▪ Adjustable output voltage
▪ Up to 1A output current
▪ Internal compensation
▪ Internal soft-start
▪ 600mΩ internal MOSFET
▪ 630kHz switching frequency
▪ Pulse skipping mode under light load condition
▪ Cycle-by-cycle current limit
▪ Input voltage UVLO and output voltage
undervoltage protection
▪ Thermal shutdown
▪ Available in the TSOT23-6 package




Similar Part No. - RAA211412

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA211403 RENESAS-RAA211403 Datasheet
4Mb / 26P
40V, 300mA, 4μA IQ DC/DC Step-Down Regulator
Dec 1, 2023
RAA2114034GP3#JA0 RENESAS-RAA2114034GP3#JA0 Datasheet
4Mb / 26P
40V, 300mA, 4μA IQ DC/DC Step-Down Regulator
Dec 1, 2023
RAA2114054GP3#JA0 RENESAS-RAA2114054GP3#JA0 Datasheet
4Mb / 26P
40V, 300mA, 4μA IQ DC/DC Step-Down Regulator
Dec 1, 2023
RAA211450 RENESAS-RAA211450 Datasheet
3Mb / 24P
4.5V to 42V, 5A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency
Oct 12, 2022
More results


Similar Description - RAA211412

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
logo
Eutech Microelectronics...
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
1A STEP-DOWN DC-DC CONVERTER
Rev 3
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com