Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA211403 Datasheet (PDF) - Renesas Technology Corp

RAA211403 Datasheet PDF - Renesas Technology Corp
Part # RAA211403
Download  RAA211403 Download
File Size   4232.79 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V, 300mA, 4μA IQ DC/DC Step-Down Regulator

RAA211403 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA211403 Datasheet PDF - Renesas Technology Corp

Part # RAA211403
Download  RAA211403 Click to download

File Size   4232.79 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V, 300mA, 4μA IQ DC/DC Step-Down Regulator

RAA211403 Datasheet (HTML) - Renesas Technology Corp


RAA211403 Product details

▪ 7V to 40V input supply range
▪ Up to 300mA output current
▪ IQ = 4μA at 40V, at no load conditions, switching
▪ IQ = 2.5μA at 40V at no load and no switching
conditions
▪ RAA211403 is fixed 3.3V VOUT, RAA211405 is
fixed 5V VOUT
▪ Minimum on-time of 75ns
▪ Variable frequency operation, frequency
programmed by external inductor (4.7μH to 15μH)
▪ Pre-bias, monotonic, and smooth start-up
▪ Protections: Overcurrent (OC) Limit, input
Undervoltage Lockout (UVLO), Over-Temperature
Protection (OTP), output Overvoltage Protection
(OVP)
▪ Accurate EN threshold
▪ Package: TSOT23-5 (2.9mm×1.63mm)
Programmable Feature
▪ Inductor: Change switching frequency
▪ Enable: Turn on/off with external logic or connect
EN to VIN




Similar Part No. - RAA211403

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA211412 RENESAS-RAA211412 Datasheet
1Mb / 17P
45V 1A 630kHz DC/DC Step-Down Regulator
Jun 24, 2022
RAA211450 RENESAS-RAA211450 Datasheet
3Mb / 24P
4.5V to 42V, 5A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Adjustable Frequency
Oct 12, 2022
More results


Similar Description - RAA211403

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
MAX5082 MAXIM-MAX5082 Datasheet
404Kb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
Rev 0; 5/05
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX1556 MAXIM-MAX1556_11 Datasheet
737Kb / 12P
16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 3; 1/11
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
Synchronous DC/DC Step-Down Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
Step-Down DC-DC Switching Regulator
logo
Linear Technology
LTC3895 LINER-LTC3895 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Shenzhen Huazhimei Semi...
HM2459B HMSEMI-HM2459B Datasheet
873Kb / 13P
800 mA up to 40V Input Step-Down DC/DC Regulator
logo
Maxim Integrated Produc...
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
2018
MAX5082 MAXIM-MAX5082_V01 Datasheet
1Mb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com