Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LYO285 Datasheet (PDF) - OSRAM GmbH

LYO285 Datasheet PDF - OSRAM GmbH
Part # LYO285
Download  LYO285 Download
File Size   380.79 Kbytes
Page   12 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hyper Oval LED Lamp 4 mm, Colored Diffused High-optical Power LED

LYO285 Datasheet (PDF)

Go To PDF Page Download Datasheet
LYO285 Datasheet PDF - OSRAM GmbH

Part # LYO285
Download  LYO285 Click to download

File Size   380.79 Kbytes
Page   12 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Hyper Oval LED Lamp 4 mm, Colored Diffused High-optical Power LED

LYO285 Datasheet (HTML) - OSRAM GmbH


LYO285 Product details

Features
• package: colored diffused 4 mm oval package
• feature of the device: oval radiation characteristic
• wavelength: 587 nm (yellow)
• viewing angle: horizontal 100°, vertical 50°
• technology: InGaAlP
• optical efficiency: 16 lm/W
• grouping parameter: luminous intensity, wavelength
• soldering methods: TTW soldering
• packing: bulk, available taped on reel
• ESD-withstand voltage: up to 2 kV acc. to JESD22-A114-B

Applications
• display applications
• interior automotive lighting (e.g. key backlighting, etc.)
• substitution of micro incandescent lamps
• VMS (variable message signs)





Similar Description - LYO285

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Agilent(Hewlett-Packard...
HLMP-RG10 HP-HLMP-RG10 Datasheet
274Kb / 8P
4 mm Oval Precision Optical Performance LED Lamps
logo
OSRAM GmbH
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
logo
Cree, Inc
LO494PPG4-B0G-A3 CREE-LO494PPG4-B0G-A3 Datasheet
336Kb / 5P
4-mm Oval LED
logo
DOMINANT Semiconductors
L3X-C60D0-I2 DOMINANT-L3X-C60D0-I2 Datasheet
1Mb / 15P
Standard brightness colored diffused LED lamp
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com