Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54F573 Datasheet (PDF) - Texas Instruments

SN54F573 Datasheet PDF - Texas Instruments
Part # SN54F573
Download  SN54F573 Download
File Size   591.84 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL TRANSPARENT D-TYPE LATCHES ‘WITH 3-STATE OUTPUTS

SN54F573 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54F573 Datasheet PDF - Texas Instruments

Part # SN54F573
Download  SN54F573 Click to download

File Size   591.84 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OCTAL TRANSPARENT D-TYPE LATCHES ‘WITH 3-STATE OUTPUTS

SN54F573 Datasheet (HTML) - Texas Instruments


SN54F573 Product details

Eight Latches in a Single Package
3-State Bus-Driving True Outputs
Full Parallel Access for Loading
Buffered Control Inputs
Package Options Include Plastic
Small-Outline Packages, Ceramic Chip
Carriers, and Standard Plastic and Ceramic
300-mil DIPs

description
These 8-bit latches feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads. They are
particularly suitable for implementing buffer
registers, I/O ports, bidirectional bus drivers, and
working registers.
The eight latches of the ′F573 are transparent
D-type latches. While the latch enable (LE) input
is high, the Q outputs follow the data (D) inputs.
When the latch enable is taken low, the Q outputs
are latched at the logic levels set up at the D
inputs.
A buffered output enable (OE) input can be used
to place the eight outputs in either a normal logic
state (high or low logic levels) or a highimpedance
state. In the high-impedance state, the
outputs neither load nor drive the bus lines
significantly. The high-impedance state and
increased drive provide the capability to drive bus
lines without need for interface or pullup
components.
The output enable (OE) input does not affect the internal operations of the latches. Old data can be retained
or new data can be entered while the outputs are in the high-impedance state.
The SN54F573 is characterized for operation over the full military temperature range of −55°C to 125°C. The
SN74F573 is characterized for operation from 0°C to 70°C.




Similar Part No. - SN54F573

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F573 TI-SN54F573 Datasheet
72Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F573 TI-SN54F573 Datasheet
83Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES WITH S0STATE OUTPUTS
SN54F573FK TI-SN54F573FK Datasheet
72Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F573FK TI-SN54F573FK Datasheet
83Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES WITH S0STATE OUTPUTS
SN54F573J TI-SN54F573J Datasheet
72Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Similar Description - SN54F573

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
Octal D-type Transparent Latches with 3-state Outputs
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com