Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC193 Datasheet (PDF) - Texas Instruments

SN54HC193 Datasheet PDF - Texas Instruments
Part # SN54HC193
Download  SN54HC193 Download
File Size   393.64 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT SYNCHRONOUS UP/DOWN COUNTER (DUAL CLOCK WITH CLEAR)

SN54HC193 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC193 Datasheet PDF - Texas Instruments

Part # SN54HC193
Download  SN54HC193 Click to download

File Size   393.64 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT SYNCHRONOUS UP/DOWN COUNTER (DUAL CLOCK WITH CLEAR)

SN54HC193 Datasheet (HTML) - Texas Instruments


SN54HC193 Product details

Qualified for Automotive Applications
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive Up To 10 LSTTL Loads
Low Power Consumption, 80-μA Max ICC
Typical tpd = 20 ns
±4-mA Output Drive at 5 V
Low Input Current of 1 μA Max
Look-Ahead Circuitry Enhances Cascaded
Counters
Fully Synchronous in Count Modes
Parallel Asynchronous Load for Modulo-N
Count Lengths
Asynchronous Clear

description/ordering information
The SN74HC193 device is a 4-bit synchronous,
reversible, up/down binary counter. Synchronous
operation is provided by having all flip-flops clocked
simultaneously so that the outputs change
simultaneously with each other when dictated by the
steering logic. This mode of operation eliminates the
output counting spikes normally associated with
asynchronous (ripple-clock) counters.
The outputs of the four flip-flops are triggered on a low-to-high-level transition of either count (clock) input (UP
or DOWN). The direction of counting is determined by which count input is pulsed while the other count input
is high.
All four counters are fully programmable; that is, each output may be preset to either level by placing a low on
the load (LOAD) input and entering the desired data at the data inputs. The output changes to agree with the
data inputs independently of the count pulses. This feature allows the counters to be used as modulo-N dividers
simply by modifying the count length with the preset inputs.
A clear (CLR) input has been provided that forces all outputs to the low level when a high level is applied. The
clear function is independent of the count and LOAD inputs.
This counter was designed to be cascaded without the need for external circuitry. The borrow (BO) output
produces a low-level pulse while the count is zero (all outputs low) and DOWN is low. Similarly, the carry (CO)
output produces a low-level pulse while the count is maximum (9 or 15), and UP is low. The counter then can
be cascaded easily by feeding BO and CO to DOWN and UP, respectively, of the succeeding counter.




Similar Part No. - SN54HC193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC193 TI-SN54HC193 Datasheet
483Kb / 17P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54HC193 TI1-SN54HC193 Datasheet
1Mb / 21P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54HC193 TI2-SN54HC193 Datasheet
838Kb / 24P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR)
REVISED OCTOBER 2003
SN54HC193J TI-SN54HC193J Datasheet
483Kb / 17P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54HC193J TI1-SN54HC193J Datasheet
1Mb / 21P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
More results


Similar Description - SN54HC193

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54193 NSC-DM54193 Datasheet
121Kb / 5P
Synchronous Up/Down 4-Bit Binary Counter with Dual Clock
logo
Texas Instruments
SN54ALS193A TI-SN54ALS193A Datasheet
130Kb / 8P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
SN54HC193 TI-SN54HC193 Datasheet
483Kb / 17P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
SN54192 TI-SN54192 Datasheet
846Kb / 22P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR)
SN74F193A TI-SN74F193A Datasheet
275Kb / 10P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER WITH DUAL CLOCK AND CLEAR
SN74HC193-Q1 TI1-SN74HC193-Q1 Datasheet
233Kb / 13P
4-BIT SYNCHRONOUS UP/DOWN COUNTER (DUAL CLOCK WITH CLEAR)
logo
Aeroflex Circuit Techno...
UT54ACS193E AEROFLEX-UT54ACS193E Datasheet
172Kb / 11P
Synchronous 4-Bit Up-Down Dual Clock Counter
logo
Texas Instruments
SN54HC193 TI1-SN54HC193_15 Datasheet
1Mb / 21P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com