Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC193 Datasheet (PDF) - Texas Instruments

SN54HC193 Datasheet PDF - Texas Instruments
Part # SN54HC193
Download  SN54HC193 Download
File Size   838.94 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT SYNCHRONOUS UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR)

SN54HC193 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC193 Datasheet PDF - Texas Instruments

Part # SN54HC193
Download  SN54HC193 Click to download

File Size   838.94 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 4-BIT SYNCHRONOUS UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR)

SN54HC193 Datasheet (HTML) - Texas Instruments


SN54HC193 Product details

Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive Up To 10 LSTTL Loads
Low Power Consumption, 80-μA Max ICC
Typical tpd = 20 ns
±4-mA Output Drive at 5 V
Low Input Current of 1 μA Max
Look-Ahead Circuitry Enhances Cascaded
Counters
Fully Synchronous in Count Modes
Parallel Asynchronous Load for Modulo-N
Count Lengths
Asynchronous Clear

description/ordering information
The ’HC193 devices are 4-bit synchronous, reversible, up/down binary counters.
Synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs change
coincidentally with each other when so instructed by the steering logic. This mode of operation eliminates the
output counting spikes normally associated with asynchronous (ripple-clock) counters.
The outputs of the four flip-flops are triggered on a low-to-high-level transition of either count (clock) input (UP
or DOWN). The direction of counting is determined by which count input is pulsed while the other count input
is high.
All four counters are fully programmable; that is, each output may be preset to either level by placing a low on
the load (LOAD) input and entering the desired data at the data inputs. The output changes to agree with the
data inputs independently of the count pulses. This feature allows the counters to be used as modulo-N dividers
simply by modifying the count length with the preset inputs.
A clear (CLR) input has been provided that forces all outputs to the low level when a high level is applied. The
clear function is independent of the count and LOAD inputs.
These counters were designed to be cascaded without the need for external circuitry. The borrow (BO) output
produces a low-level pulse while the count is zero (all outputs low) and DOWN is low. Similarly, the carry (CO)
output produces a low-level pulse while the count is maximum (9 or 15), and UP is low. The counters then can
be cascaded easily by feeding BO and CO to DOWN and UP, respectively, of the succeeding counter.




Similar Part No. - SN54HC193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC193 TI-SN54HC193 Datasheet
483Kb / 17P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54HC193 TI1-SN54HC193 Datasheet
1Mb / 21P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54HC193 TI2-SN54HC193 Datasheet
393Kb / 16P
4-BIT SYNCHRONOUS UP/DOWN COUNTER (DUAL CLOCK WITH CLEAR)
REVISED APRIL 2008
SN54HC193J TI-SN54HC193J Datasheet
483Kb / 17P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54HC193J TI1-SN54HC193J Datasheet
1Mb / 21P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
More results


Similar Description - SN54HC193

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Oct-1992
logo
Texas Instruments
SN54ALS193A TI-SN54ALS193A Datasheet
130Kb / 8P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR
SN54HC193 TI-SN54HC193 Datasheet
483Kb / 17P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
Hitachi Semiconductor
HD74LS193 HITACHI-HD74LS193 Datasheet
104Kb / 7P
Synchronous Up/Down 4-bit Binary Counters(dual clock lines)
logo
Texas Instruments
SN54192 TI-SN54192 Datasheet
846Kb / 22P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS (DUAL CLOCK WITH CLEAR)
SN74HC193-Q1 TI1-SN74HC193-Q1 Datasheet
233Kb / 13P
4-BIT SYNCHRONOUS UP/DOWN COUNTER (DUAL CLOCK WITH CLEAR)
logo
Aeroflex Circuit Techno...
UT54ACS193 AEROFLEX-UT54ACS193 Datasheet
260Kb / 10P
Synchronous 4-Bit Up-Down Dual Clock Counters
logo
Texas Instruments
SN54HC193 TI1-SN54HC193_15 Datasheet
1Mb / 21P
4-BIT SYNCHRONOUS UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com