Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC21 Datasheet (PDF) - Texas Instruments

SN54HC21 Datasheet PDF - Texas Instruments
Part # SN54HC21
Download  SN54HC21 Download
File Size   526.11 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 4-INPUT POSITIVE-AND GATE

SN54HC21 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54HC21 Datasheet PDF - Texas Instruments

Part # SN54HC21
Download  SN54HC21 Click to download

File Size   526.11 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL 4-INPUT POSITIVE-AND GATE

SN54HC21 Datasheet (HTML) - Texas Instruments


SN54HC21 Product details

Qualified for Automotive Applications
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive up to Ten LSTTL Loads
Low Power Consumption, 20-μA Max ICC
Typical tpd = 11 ns
±4-mA Output Drive at 5 V
Low Input Current of 1 μA Max

description/ordering information
This device contains two independent 4-input AND gates. It performs the Boolean function
Y  A • B • C • D or Y  ABCD in positive logic.




Similar Part No. - SN54HC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC21 TI-SN54HC21 Datasheet
77Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
SN54HC21 TI-SN54HC21 Datasheet
425Kb / 14P
DUAL 4-INPUT POSITIVE-AND GATES
SN54HC21 TI-SN54HC21 Datasheet
578Kb / 16P
DUAL 4-INPUT POSITIVE-AND GATES
SN54HC21 TI-SN54HC21 Datasheet
609Kb / 16P
DUAL 4-INPUT POSITIVE-AND GATES
SN54HC21 TI1-SN54HC21 Datasheet
812Kb / 13P
DUAL 4-INPUT POSITIVE-AND GATE
More results


Similar Description - SN54HC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE AND GATE
SN74LV20A TI-SN74LV20A Datasheet
333Kb / 13P
DUAL 4 INPUT POSITIVE NAND GATE
logo
List of Unclassifed Man...
7421 ETC1-7421 Datasheet
51Kb / 1P
DUAL 4-INPUT POSITIVE AND GATE
logo
Texas Instruments
SN74HC21-Q1 TI-SN74HC21-Q1 Datasheet
190Kb / 8P
DUAL 4-INPUT POSITIVE-AND GATE
SN54LV20A TI-SN54LV20A_08 Datasheet
505Kb / 15P
DUAL 4-INPUT POSITIVE-NAND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI1-SN74LVC2G08_15 Datasheet
928Kb / 22P
Dual 2-Input Positive-AND Gate
SN74HC21-Q1 TI1-SN74HC21-Q1_15 Datasheet
812Kb / 13P
DUAL 4-INPUT POSITIVE-AND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com