Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54HC21 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC21
Description  DUAL 4-INPUT POSITIVE-AND GATE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC21 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC21 Datasheet HTML 1Page - Texas Instruments SN54HC21 Datasheet HTML 2Page - Texas Instruments SN54HC21 Datasheet HTML 3Page - Texas Instruments SN54HC21 Datasheet HTML 4Page - Texas Instruments SN54HC21 Datasheet HTML 5Page - Texas Instruments SN54HC21 Datasheet HTML 6Page - Texas Instruments SN54HC21 Datasheet HTML 7Page - Texas Instruments SN54HC21 Datasheet HTML 8Page - Texas Instruments SN54HC21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN74HC21-Q1
DUAL 4-INPUT POSITIVE-AND GATE
SCLS597A − NOVEMBER 2004 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive up to Ten LSTTL Loads
D Low Power Consumption, 20-µA Max I
CC
D Typical t
pd = 11 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
description/ordering information
This
device
contains
two
independent
4-input
AND
gates.
It
performs
the
Boolean
function
Y
+ A • B • C • Dor Y + A ) B ) C ) D in positive logic.
ORDERING INFORMATION{
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
40
°C to 125°C
SOIC − D
Reel of 2500
SN74HC21QDRQ1
HC21Q
−40
°C to 125°C
TSSOP − PW
Reel of 2000
SN74HC21QPWRQ1
HC21Q
† For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
C
D
OUTPUT
Y
H
H
H
H
H
L
XX
X
L
X
LX
X
L
X
XL
X
L
X
X
X
L
L
logic diagram (positive logic)
1A
1Y
1B
1C
1D
2A
2Y
2B
2C
2D
1
2
4
5
9
10
12
13
68
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
D OR PW PACKAGE
(TOP VIEW)
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54HC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC21 TI-SN54HC21 Datasheet
77Kb / 5P
DUAL 4-INPUT POSITIVE-AND GATES
SN54HC21 TI-SN54HC21 Datasheet
425Kb / 14P
DUAL 4-INPUT POSITIVE-AND GATES
SN54HC21 TI-SN54HC21 Datasheet
578Kb / 16P
DUAL 4-INPUT POSITIVE-AND GATES
SN54HC21 TI-SN54HC21 Datasheet
609Kb / 16P
DUAL 4-INPUT POSITIVE-AND GATES
SN54HC21 TI1-SN54HC21 Datasheet
812Kb / 13P
DUAL 4-INPUT POSITIVE-AND GATE
More results

Similar Description - SN54HC21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE AND GATE
SN74LV20A TI-SN74LV20A Datasheet
333Kb / 13P
DUAL 4 INPUT POSITIVE NAND GATE
logo
List of Unclassifed Man...
7421 ETC1-7421 Datasheet
51Kb / 1P
DUAL 4-INPUT POSITIVE AND GATE
logo
Texas Instruments
SN74HC21-Q1 TI-SN74HC21-Q1 Datasheet
190Kb / 8P
DUAL 4-INPUT POSITIVE-AND GATE
SN54LV20A TI-SN54LV20A_08 Datasheet
505Kb / 15P
DUAL 4-INPUT POSITIVE-NAND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI1-SN74LVC2G08_15 Datasheet
928Kb / 22P
Dual 2-Input Positive-AND Gate
SN74HC21-Q1 TI1-SN74HC21-Q1_15 Datasheet
812Kb / 13P
DUAL 4-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com