Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7221 Datasheet (PDF) - OSRAM GmbH

SFH7221 Datasheet PDF - OSRAM GmbH
Part # SFH7221
Download  SFH7221 Download
File Size   84.4 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor

SFH7221 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH7221 Datasheet PDF - OSRAM GmbH

Part # SFH7221
Download  SFH7221 Click to download

File Size   84.4 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor

SFH7221 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - SFH7221

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221 Datasheet
164Kb / 10P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
logo
OSA Opto Light GmbH
SFH7221 OSA-SFH7221 Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221_12 Datasheet
164Kb / 10P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
More results


Similar Description - SFH7221

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
GaAIAs-IR-Lumineszenzdiode (880 nm)
SFH4881 OSRAM-SFH4881 Datasheet
170Kb / 6P
IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
SFH7221 OSRAM-SFH7221_12 Datasheet
164Kb / 10P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH7222 OSRAM-SFH7222_12 Datasheet
167Kb / 11P
GaAlAs-IR-Lumineszenzdiode (880 nm) und gr체ne GaP-LED (565 nm)
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
GaAlAs-IR-Lumineszenzdioden (880 nm)
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com