Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4881 Datasheet (PDF) - OSRAM GmbH

SFH4881 Datasheet PDF - OSRAM GmbH
Part # SFH4881
Download  SFH4881 Download
File Size   170.88 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use

SFH4881 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4881 Datasheet PDF - OSRAM GmbH

Part # SFH4881
Download  SFH4881 Click to download

File Size   170.88 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use

SFH4881 Datasheet (HTML) - OSRAM GmbH


SFH4881 Product details

Features
• Fabricated in a liquid phase epitaxy process
• Anode is electrically connected to the case
• High reliability
• Matches all Si-Photodetectors
• Hermetically sealed package

Applications
• Photointerrupters
• IR remote control
• Sensor technology




Similar Part No. - SFH4881

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH488425 SIEMENS-SFH488425 Datasheet
78Kb / 4P
Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
More results


Similar Description - SFH4881

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
GaAIAs-IR-Lumineszenzdiode (880 nm)
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH4680 OSRAM-SFH4680 Datasheet
173Kb / 8P
Engwinklige LED im MIDLED-Geh채use (880 nm)
SFH7221 OSRAM-SFH7221_12 Datasheet
164Kb / 10P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH-4301 OSRAM-SFH-4301 Datasheet
83Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial-Geh채use
SFH-4501 OSRAM-SFH-4501 Datasheet
106Kb / 9P
Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Geh채use
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com