Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2G66 Datasheet (PDF) - STMicroelectronics

74V2G66 Datasheet PDF - STMicroelectronics
Part # 74V2G66
Download  74V2G66 Download
File Size   62.9 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL BILATERAL SWITCH

74V2G66 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V2G66 Datasheet PDF - STMicroelectronics

Part # 74V2G66
Download  74V2G66 Click to download

File Size   62.9 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL BILATERAL SWITCH

74V2G66 Datasheet (HTML) - STMicroelectronics


74V2G66 Product details

DESCRIPTION
The 74V2G66 is an advanced high-speed CMOS DUAL BILATERAL SWITCH fabricated in silicon gate C2MOS technology. It achieves high speed propagation delay and VERY LOW ON resistances while maintaining true CMOS low power consumption. This bilateral switch handles rail to rail analog and digital signals that may vary across the full power supply range (from GND to VCC).
The C input is provided to control the switch and it’s compatible with standard CMOS output; the switch is ON (port I/O is connected to Port O/I) when the C input is held high and OFF (high impedance state exists between the two ports) when C is held low. It can be used in many application as Battery Powered System, Test Equipment. It’s available in the commercial and extended temperature range in SOT23-8L package. All inputs and output are equipped with protection circuits against static discharge, giving them ESD immunity and transient excess voltage.

■ HIGH SPEED:
   tPD = 0.3ns (TYP.) at VCC = 5V
   tPD = 0.4ns (TYP.) at VCC = 3.3V
■ LOW POWER DISSIPATION:
   ICC = 1µA(MAX.) at TA = 25°C
■ LOW "ON" RESISTANCE:
   RON =6.5Ω (TYP.) AT VCC = 5V II/O = 1mA
   RON = 8.5Ω (TYP.) AT VCC = 3.3V II/O = 1mA
■ SINE WAVE DISTORTION:
   0.04% AT VCC = 3.3V f = 1KHz
■ WIDE OPERATING RANGE:
   VCC (OPR) = 2V TO 5.5V
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74V2G66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66 Datasheet
166Kb / 9P
DUAL BILATERAL SWITCH
Jun-2003
74V2G66 STMICROELECTRONICS-74V2G66_03 Datasheet
166Kb / 9P
DUAL BILATERAL SWITCH
Jun-2003
More results


Similar Description - 74V2G66

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4W66F TOSHIBA-TC4W66F Datasheet
273Kb / 7P
DUAL BILATERAL SWITCH
07-Apr-1997
TC7W66F TOSHIBA-TC7W66F Datasheet
298Kb / 10P
DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66 Datasheet
161Kb / 9P
DUAL BILATERAL SWITCH
74V2T66 STMICROELECTRONICS-74V2T66_07 Datasheet
442Kb / 14P
Dual bilateral switch
31-Jan-2007
logo
Toshiba Semiconductor
TC7W66F TOSHIBA-TC7W66F_01 Datasheet
328Kb / 11P
DUAL BILATERAL SWITCH
31-May-2001
TC4W66F TOSHIBA-TC4W66F_07 Datasheet
415Kb / 8P
Dual Bilateral Switch
01-Nov-2007
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66_03 Datasheet
166Kb / 9P
DUAL BILATERAL SWITCH
Jun-2003
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
DUAL BILATERAL ANALOG SWITCH
logo
Toshiba Semiconductor
TC4W66FU TOSHIBA-TC4W66FU_08 Datasheet
278Kb / 8P
Dual Bilateral Switch
01-Nov-2007
TC7W66FK0 TOSHIBA-TC7W66FK0_09 Datasheet
222Kb / 10P
Dual Bilateral Switch
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com