Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2G66 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74V2G66
Description  DUAL BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G66 Datasheet(HTML) 3 Page - STMicroelectronics

  74V2G66 Datasheet HTML 1Page - STMicroelectronics 74V2G66 Datasheet HTML 2Page - STMicroelectronics 74V2G66 Datasheet HTML 3Page - STMicroelectronics 74V2G66 Datasheet HTML 4Page - STMicroelectronics 74V2G66 Datasheet HTML 5Page - STMicroelectronics 74V2G66 Datasheet HTML 6Page - STMicroelectronics 74V2G66 Datasheet HTML 7Page - STMicroelectronics 74V2G66 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC SPECIFICATIONS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VIH
High Level Control Input
Voltage
2.0
1.5
1.5
V
2.7 to
5.5
0.7VCC
0.7VCC
VIL
Low Level Control Input
Voltage
2.0
0.5
0.5
V
2.7 to
5.5
0.3VCC
0.3VCC
RON
ON Resistance
3.3
(**)
VIC =VIH
VI/O =VCC to G ND
II/O
≤ 1mA
14
26
30
Ω
5.0
(*)
12
17
20
3.3
(**)
VIC =VIH
VI/O =VCC or GND
II/O
≤ 1mA
12
18
24
5.0
(*)
10
14
18
∆RON
Difference of ON
Resistance Between
Switches
3.0
t o 5.5
VIC =VIH
VI/O =VCC to G ND
II/O
≤ 1mA
2
Ω
IOFF
Input/Output Leakage
Current (SWITCH OFF)
5.5
VOS =VCC to GND
VIS =VCC to G ND
VIC =VIL
±0.1
±1.0
µA
IIZ
Switch Input Leakage
Current (SWITCH ON,
OUTPUT OPEN)
5.5
VOS =VCC to GND
VIC =VIH
±0.1
±1.0
µA
IIN
Control Input Leakage
Current
0to
5.5
VIC = 5.5V or GND
±0.1
±1.0
µA
ICC
Quiescent Supply Current
5.5
VIC =VCC or GND
1
10
µA
(*) Voltage range is 5V
± 0.5V
(**) Voltagerange is 3.3V
± 0.3V
74V2G66
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com