Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4580 Datasheet (PDF) - OSRAM GmbH

SFH4580 Datasheet PDF - OSRAM GmbH
Part # SFH4580
Download  SFH4580 Download
File Size   81.31 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description GaAlAs Infrared Emitters (880 nm) in SMR짰 Package

SFH4580 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4580 Datasheet PDF - OSRAM GmbH

Part # SFH4580
Download  SFH4580 Click to download

File Size   81.31 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description GaAlAs Infrared Emitters (880 nm) in SMR짰 Package

SFH4580 Datasheet (HTML) - OSRAM GmbH




Similar Part No. - SFH4580

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580 Datasheet
159Kb / 9P
GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
More results


Similar Description - SFH4580

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH4510 OSRAM-SFH4510_02 Datasheet
77Kb / 7P
GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH485P OSRAM-SFH485P Datasheet
187Kb / 13P
GaAlAs Infrared Emitter (880 nm)
SFH487 OSRAM-SFH487 Datasheet
191Kb / 13P
GaAlAs Infrared Emitter (880 nm)
SFH-4585 OSRAM-SFH-4585 Datasheet
186Kb / 14P
GaAlAs Infrared Emitters
SFH-4883 OSRAM-SFH-4883 Datasheet
161Kb / 11P
Infrared Emitter (880 nm) in TO-46 Package
SFH-485 OSRAM-SFH-485 Datasheet
168Kb / 13P
GaAlAs Infrared Emitters
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com