Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4202 Datasheet (PDF) - OSRAM GmbH

SFH4202 Datasheet PDF - OSRAM GmbH
Part # SFH4202
Download  SFH4202 Download
File Size   248.67 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant

SFH4202 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4202 Datasheet PDF - OSRAM GmbH

Part # SFH4202
Download  SFH4202 Click to download

File Size   248.67 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant

SFH4202 Datasheet (HTML) - OSRAM GmbH


SFH4202 Product details

Features
• High Power GaAs-LED (35 mW)
• High Efficiency at low currents
• High Forward current possible at high temperatures
• Homogeneous Radiation Pattern
• Typical peak wavelength 950nm

Applications
• High data transmission rate up to 100 Mbaud (IR keyboard, Joystick, Multimedia)
• Analog and digital Hi-Fi audio and video signal transmission
• Alarm and safety equipment
• IR free air data transmission
• IR spotlight for cameras




Similar Part No. - SFH4202

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH420 SIEMENS-SFH420 Datasheet
48Kb / 5P
GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
logo
OSRAM GmbH
SFH420 OSRAM-SFH420 Datasheet
138Kb / 7P
GaAs Infrared Emitter in SMT Package
logo
Infineon Technologies A...
SFH4200 INFINEON-SFH4200 Datasheet
81Kb / 7P
Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
2000-01-01
logo
OSRAM GmbH
SFH4200 OSRAM-SFH4200 Datasheet
77Kb / 7P
Leistungsstarke IR-Lumineszenzdiode
SFH4203 OSRAM-SFH4203 Datasheet
59Kb / 6P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
More results


Similar Description - SFH4202

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4203 OSRAM-SFH4203 Datasheet
59Kb / 6P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH4209 OSRAM-SFH4209 Datasheet
64Kb / 6P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4500 OSRAM-SFH4500 Datasheet
225Kb / 8P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4850E7800 OSRAM-SFH4850E7800 Datasheet
213Kb / 7P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4556 OSRAM-SFH4556 Datasheet
261Kb / 7P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
SFH-4203 OSRAM-SFH-4203 Datasheet
218Kb / 7P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH-4209 OSRAM-SFH-4209 Datasheet
233Kb / 9P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com