Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4500 Datasheet (PDF) - OSRAM GmbH

SFH4500 Datasheet PDF - OSRAM GmbH
Part # SFH4500
Download  SFH4500 Download
File Size   225.92 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant

SFH4500 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4500 Datasheet PDF - OSRAM GmbH

Part # SFH4500
Download  SFH4500 Click to download

File Size   225.92 Kbytes
Page   8 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant

SFH4500 Datasheet (HTML) - OSRAM GmbH


SFH4500 Product details

Features

• High Power GaAs-LED (40mW)

• High Efficiency at low currents

• Typical peak wavelength 950nm

• Narrow angle SMT-Sidelooker



Applications

• Device with high radiant intensity suitable for surface mounting (SMT)

• High data transmission rate up to 100 Mbaud (IR keyboard, Joystick, Multimedia)

• Analog and digital Hi-Fi audio and video signal transmission

• Alarm and safety equipment

• IR free air data transmission

• IR spotlight for cameras



 




Similar Part No. - SFH4500

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
More results


Similar Description - SFH4500

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4203 OSRAM-SFH4203 Datasheet
59Kb / 6P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH4209 OSRAM-SFH4209 Datasheet
64Kb / 6P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH4202 OSRAM-SFH4202 Datasheet
248Kb / 9P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4850E7800 OSRAM-SFH4850E7800 Datasheet
213Kb / 7P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4556 OSRAM-SFH4556 Datasheet
261Kb / 7P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
SFH-4203 OSRAM-SFH-4203 Datasheet
218Kb / 7P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
SFH-4209 OSRAM-SFH-4209 Datasheet
233Kb / 9P
Leistungsstarke IR-Lumineszenzdiode High Power Infrared Emitter
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com